Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5056APMH/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LM5056APMH/NOPB
Description  High-Voltage System Power Management Device with PMBus™
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5056APMH/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5056APMH/NOPB Datasheet HTML 16Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 17Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 18Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 19Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 20Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 21Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 22Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 23Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
LM5056, LM5056A
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
www.ti.com
OT_WARN_LIMIT (51h)
The OT_WARN_LIMIT command is a standard PMBus command that allows configuring or reading the threshold
for the over-temperature warning detection. Reading and writing to this register should use the coefficients
shown in the Table 39. Accesses to this command should use the PMBus read or write word protocol. If the
measured temperature exceeds this value, an over-temperature warning is triggered and the over-temperature
warn flags set in the respective registers and the SMBA signal asserted. A single temperature measurement is
an average of 16 round-robin cycles; therefore, the minimum temperature warn detection time is 16 ms.
Table 5. OT_WARN_LIMIT Register
VALUE
MEANING
DEFAULT
0000h – 0FFEh
Over-temperature warn threshold value
07D0h (125°C)
0FFFh
Over-temperature warn detection disabled
n/a
VIN_OV_WARN_LIMIT (57h)
The VIN_OV_WARN_LIMIT command is a standard PMBus command that allows configuring or reading the
threshold for the VIN over-voltage warning detection. Reading and writing to this register should use the
coefficients shown in the Table 39 Table. Accesses to this command should use the PMBus read or write word
protocol. If the measured value of VIN rises above the value in this register, VIN over-voltage warn flags are set
in the respective registers and the SMBA signal is asserted.
Table 6. VIN_OV_WARN_LIMIT Register
VALUE
MEANING
DEFAULT
0000h – 0FFEh
VIN Over-voltage warning detection threshold
0FFFh (disabled)
0FFFh
VIN Over-voltage warning disabled
n/a
VIN_UV_WARN_LIMIT (58h)
The VIN_UV_WARN_LIMIT command is a standard PMBus command that allows configuring or reading the
threshold for the VIN under-voltage warning detection. Reading and writing to this register should use the
coefficients shown in the Table 39. Accesses to this command should use the PMBus read or write word
protocol. If the measured value of VIN falls below the value in this register, VIN under-voltage warn flags are set
in the respective register, and the SMBA signal is asserted.
Table 7. VIN_UV_WARN_LIMIT Register
VALUE
MEANING
DEFAULT
0001h – 0FFFh
VIN under-voltage warning detection threshold
0000h (disabled)
0000h
VIN under-voltage warning disabled
n/a
STATUS_BYTE (78h)
The STATUS_BYTE is a standard PMBus command that returns the value of a number of flags indicating the
state of the LM5056/LM5056A. Accesses to this command should use the PMBus read byte protocol. To clear
bits in this register, the underlying fault should be removed on the system and a CLEAR_FAULTS command
issued.
Table 8. STATUS_BYTE Definitions
BIT
NAME
MEANING
DEFAULT
7
BUSY
Not supported, always 0
0
6
OFF
Not supported, always 0
0
5
VOUT_OV
Not supported, always 0
0
4
IOUT_OC
Not supported, always 0
0
3
VIN_UV
An input under-voltage fault has occurred
0
2
TEMPERATURE
A temperature fault or warning has occurred
0
1
CML
A communication fault has occurred
0
20
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM5056 LM5056A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com