Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5056APMH/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Part # LM5056APMH/NOPB
Description  High-Voltage System Power Management Device with PMBus™
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5056APMH/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM5056APMH/NOPB Datasheet HTML 35Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 36Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 37Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 38Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 39Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 40Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 41Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 42Page - Texas Instruments LM5056APMH/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
SCL
VIH
VIL
VIH
VIL
P
S
S
P
SDA
tHD;DAT
tSU;STO
tHD;STA
tSU;STA
t SU;DAT
tHIGH
tBUF
t LOW
tR
tF
LM5056, LM5056A
www.ti.com
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
Figure 19. SMBus Timing Diagram
Table 43. SMBus Timing Definition
LIMITS
SYMBOL
PARAMETER
UNITS
MIN
MAX
FSMB
SMBus operating frequency
10
400
kHz
TBUF
Bus free time between stop and start condition
1.3
Hold time after (repeated) start condition. After this period, the first clock is
THD:STA
0.6
generated.
μs
TSU:STA
Repeated start condition setup time
0.6
TSU:STO
Stop condition setup time
0.6
THD:DAT
Data hold time
85
ns
TSU:DAT
Data setup time
100
TTIMEOUT
Clock low time-out(1)
25
35
ms
TLOW
Clock low period
1.5
μs
THIGH
Clock high period(2)
0.6
TLOW:SEXT
Clock high period(3)
25
ms
TLOW:MEXT
Cumulative low extend time (master device)(4)
10
TF
Clock or data fall time(5)
20
300
ns
TR
Clock or data rise time(5)
20
300
(1)
Devices participating in a transfer will timeout when any clock low exceeds the value of TTIMEOUT,MIN of 25 ms. Devices that have
detected a timeout condition must reset the communication no later than TTIMEOUT,MAX of 35 ms. The maximum value must be
adhered to by both a master and a slave as it incorporates the cumulative stretch limit for both a master (10 ms) and a slave (25 ms).
(2)
THIGH MAX provides a simple method for devices to detect bus idle conditions.
(3)
TLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message from the initial start to the stop. If
a slave exceeds this time, it is expected to release both its clock and data lines and reset itself.
(4)
TLOW:MEXT is the cumulative time a master device is allowed to extend its clock cycles within each byte of a message as defined from
start-to-ack, ackto- ack, or ack-to-stop.
(5)
Rise and fall time is defined as follows:
(a) TR = (VILMAX – 0.15) to (VIHMIN + 0.15)
(b) TF = 0.9 VDD to (VILMAX – 0.15)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM5056 LM5056A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com