Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6152ACMX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM6152ACMX/NOPB
Description  LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6152ACMX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM6152ACMX/NOPB Datasheet HTML 3Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 4Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 5Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 6Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 7Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 8Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 9Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 10Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM6152, LM6154
www.ti.com
SNOS752E – MAY 1999 – REVISED SEPTEMBER 2014
6.7
2.7 V DC Electrical Characteristics
Unless otherwise specified, all limits are ensured for V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2. Boldface
limits apply at the temperature extremes.
LM6154BC
LM6152AC
PARAMETER
TEST CONDITIONS
TYP(1)
LM6152BC
UNIT
LIMIT(2)
LIMIT(2)
VOS
Input Offset Voltage
2
5
mV
0.8
5
8
max
TCVOS
Input Offset Voltage Average Drift
10
µV/°C
IB
Input Bias Current
500
nA
IOS
Input Offset Current
50
nA
RIN
Input Resistance, CM
0V
≤ VCM ≤ 1.8V
30
M
Ω
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.8V
88
dB
0V
≤ VCM ≤ 2.7V
78
PSRR
Power Supply Rejection Ratio
3V
≤ V+ ≤ 5V
69
dB
VCM
Input Common-Mode Voltage Range
Low
−0.25
0
0
V
High
2.95
2.7
2.7
V
AV
Large Signal Voltage Gain
RL = 10 kΩ
5.5
V/mV
VO
Output Swing
RL = 10 kΩ
0.07
0.07
V
0.032
0.11
0.11
max
2.64
2.64
V
2.68
2.62
2.62
min
IS
Supply Current
Per Amplifier
1.35
mA
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
6.8
2.7 V AC Electrical Characteristics
Unless otherwise specified, all limits are ensured for V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2. Boldface
limits apply at the temperature extremes.
LM6154BC
LM6152AC
PARAMETER
TEST CONDITIONS
TYP(1)
LM6152BC
UNIT
LIMIT(2)
LIMIT(2)
GBW
Gain-Bandwidth Product
f = 100 kHz
80
MHz
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM6152 LM6154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com