Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6152ACMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM6152ACMX/NOPB
Description  LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6152ACMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM6152ACMX/NOPB Datasheet HTML 4Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 5Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 6Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 7Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 8Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 9Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 10Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 11Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LM6152, LM6154
SNOS752E – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
6.9
24 V DC Electrical Characteristics
Unless otherwise specified, all limits are ensured for V
+ = 24V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2. Boldface
limits apply at the temperature extremes.
LM6154BC
LM6152AC
PARAMETER
TEST CONDITIONS
TYP(1)
LM6152BC
UNIT
LIMIT(2)
LIMIT(2)
VOS
Input Offset Voltage
2
7
mV
0.3
4
9
max
TCVOS
Input Offset Voltage Average Drift
10
µV/°C
IB
Input Bias Current
500
nA
IOS
Input Offset Current
32
nA
RIN
Input Resistance, CM
0V
≤ VCM ≤ 23V
60
Meg
Ω
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 23V
94
dB
0V
≤ VCM ≤ 24V
84
PSRR
Power Supply Rejection Ratio
0V
≤ VCM ≤ 24V
95
dB
VCM
Input Common-Mode Voltage Range
Low
−0.25
0
0
V
High
24.25
24
24
V
AV
Large Signal Voltage Gain
RL = 10 kΩ
55
V/mV
VO
Output Swing
RL = 10 kΩ
0.075
0.075
V
0.044
0.090
0.090
max
23.8
23.8
V
23.91
23.7
23.7
min
IS
Supply Current
Per Amplifier
2.25
2.25
mA
1.6
2.50
2.50
max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
6.10
24 V AC Electrical Characteristics
Unless otherwise specified, all limits are ensured for V
+ = 24V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2. Boldface
limits apply at the temperature extremes.
LM6154BC
LM6152AC
PARAMETER
TEST CONDITIONS
TYP(1)
LM6152BC
UNIT
LIMIT(2)
LIMIT(2)
GBW
Gain-Bandwidth Product
f = 100 kHz
80
MHz
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
8
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM6152 LM6154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com