Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6588MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM6588MA/NOPB
Description  LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6588MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM6588MA/NOPB Datasheet HTML 12Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 13Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 14Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 15Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 16Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 17Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 18Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 19Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
+
-
APPROX
VDD/2
CLOAD
50 - 200nF
VCOM LOAD
RESR
20 - 100:
VCOM DRIVER
VCOM
VCOM
COLUMN
LINE
R
R
R
R
R
C
C
C
C
C
LM6588
SNOSA77D – MAY 2003 – REVISED MARCH 2013
www.ti.com
Figure 27. Model of Impedance between VCOM and Column Lines
A VCOM driver is essentially a voltage regulator that can source and sink current into a large capacitive load. To
simplify the analysis of this driver, the distributed RC network of Figure 27 has been reduced to a single RC load
in Figure 28. This load places a large capacitance on the VCOM driver output, resulting in an additional pole in the
op amp’s feedback loop. However, the op amp remains stable because CLOAD and RESR create a zero that
cancels the effect of this pole. The range of CLOAD is 50nF to 200nF and RESR is 20Ω to 100Ω, so this zero will
have a frequency in the range of 8KHz to 160KHz, which is much lower than the gain bandwidth of most op
amps. As a result, the VCOM load adds very little phase lag when op amp loop gain is unity, and this allows the
VCOM Driver to remain stable. This was verified by measuring the small-signal bandwidth of the LM6588 with the
RC load of Figure 28. When driving an RC load of 50nF and 20
Ω, the LM6588 has a unity gain frequency of
6.12MHz with 41.5°C of phase margin. If the load capacitor is increased to 200nF and the resistance remains
20
Ω, the unity gain frequency is virtually unchanged: 6.05MHz with 42.9°C of phase margin.
Figure 28. VCOM Driver with Simplified Load
A VCOM Driver’s large-signal response time is determined by the op amp’s maximum output current, not by its
slew rate. This is easily shown by calculating how much output current is required to slew a 50nF load
capacitance at the LM6588 slew rate of 14V/
μs:
IOUT = 14V/μs x 50nF = 700mA
(1)
700mA exceeds the maximum current specification for the LM6588 and almost all other op amps, confirming that
a VCOM driver’s speed is limited by its peak output current. In order to minimize VCOM transients, the op amp used
as a VCOM Driver must supply large values of output current.
16
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM6588



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com