Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6588MA/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM6588MA/NOPB
Description  LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6588MA/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM6588MA/NOPB Datasheet HTML 13Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 14Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 15Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 16Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 17Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 18Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 19Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 20Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
2PSec/DIV
VSW
VCOM
+
-
VSW
RL1
10:
-6.5V
VCOM
+6.5V
IOUT
C1
10nF
C2
10nF
C3
10nF
C4
10nF
RL3
10:
RS
10:
RL2
10:
VCOM LOAD
0V
5V
RF2
300:
RF1
3k:
LM6588
www.ti.com
SNOSA77D – MAY 2003 – REVISED MARCH 2013
Figure 29. VCOM Driver Test Circuit
Figure 29 is a common test circuit used for measuring VCOM driver response time. The RC network of RL1 to RL3
and C1 to C4 models the distributed RC load of a VCOM line. This RC network is a gross simplification of what the
actual impedance is on a TFT panel. However, it does provide a useful test for measuring the op amp’s transient
response when driving a large capacitive load. A low impedance MOSFET driver applies a 5V square wave to
VSW, generating large current pulses in the RC network. Scope photos from this circuit are shown in Figure 30
and Figure 31. Figure 30 shows the test circuit generates positive and negative voltage spikes with an amplitude
of ±3.2V at the VCOM node, and both transients settle-out in approximately 2μs. As mentioned before, the speed
at which these transients settle-out is a function of the op amp’s peak output current. The IOUT trace in Figure 31
shows that the LM6588 can sink and source peak currents of
−200mA and 200mA. This ability to supply large
values of output current makes the LM6588 extremely well suited for VCOM Driver applications.
Figure 30. VSW and VCOM Waveforms from VCOM
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM6588



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com