Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6584MT/NOPB.A Datasheet(PDF) 16 Page - Texas Instruments

Part # LM6584MT/NOPB.A
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6584MT/NOPB.A Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM6584MT/NOPB.A Datasheet HTML 12Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 13Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 14Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 15Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 16Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 17Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 18Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 19Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
+
-
VSW
RL1
10:
-6.5V
VCOM
+6.5V
IOUT
C1
10nF
C2
10nF
C3
10nF
C4
10nF
RL3
10:
RS
10:
RL2
10:
VCOM LOAD
0V
5V
RF2
300:
RF1
3k:
+
-
APPROX
VDD/2
CLOAD
50 - 200nF
VCOM LOAD
RESR
20 - 100:
VCOM DRIVER
VCOM
LM6584
SNOSA44C – MAY 2003 – REVISED MARCH 2013
www.ti.com
Figure 29. VCOM Driver with Simplified Load
A VCOM Driver’s large-signal response time is determined by the op amp’s maximum output current, not by its
slew rate. This is easily shown by calculating how much output current is required to slew a 50nF load
capacitance at the LM6584 slew rate of 14V/
μs:
IOUT = 14V/μs x 50nF = 700mA
(1)
700mA exceeds the maximum current specification for the LM6584 and almost all other op amps, confirming that
a VCOM driver’s speed is limited by its peak output current. In order to minimize VCOM transients, the op amp used
as a VCOM Driver must supply large values of output current.
Figure 30. VCOM Driver Test Circuit
Figure 30 is a common test circuit used for measuring VCOM driver response time. The RC network of RL1 to RL3
and C1 to C4 models the distributed RC load of a VCOM line. This RC network is a gross simplification of what the
actual impedance is on a TFT panel. However, it does provide a useful test for measuring the op amp’s transient
response when driving a large capacitive load. A low impedance MOSFET driver applies a 5V square wave to
VSW, generating large current pulses in the RC network. Scope photos from this circuit are shown in Figure 31
and Figure 32. Figure 31 shows the test circuit generates positive and negative voltage spikes with an amplitude
of ±3.2V at the VCOM node, and both transients settle-out in approximately 2μs. As mentioned before, the speed
at which these transients settle-out is a function of the op amp’s peak output current. The IOUT trace in Figure 32
shows that the LM6584 can sink and source peak currents of
−310mA and 320mA. This ability to supply large
values of output current makes the LM6584 extremely well suited for VCOM Driver applications.
16
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com