Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6584MT/NOPB.A Datasheet(PDF) 12 Page - Texas Instruments

Part # LM6584MT/NOPB.A
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6584MT/NOPB.A Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM6584MT/NOPB.A Datasheet HTML 8Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 9Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 10Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 11Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 12Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 13Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 14Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 15Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
LM6584
SNOSA44C – MAY 2003 – REVISED MARCH 2013
www.ti.com
APPLICATION HINTS
POWER SUPPLIES
Sequencing
Best practice design technique for operational amplifiers includes careful attention to power sequencing.
Although the LM6584 is a bipolar op amp, recommended op amp turn on power sequencing of ground (or V−),
followed by V+, followed by input signal should be observed. Turn off power sequence should be the reverse of
the turn-on sequence. Depending on how the amp is biased the outputs may swing to the rails on power-on or
power-off. Due to the high output currents and rail to rail output stage in the LM6584 the output may oscillate
very slightly if the power is slowly raised between 2V and 4V The part is unconditionally stable at 5V. Quick turn-
off and turn-on times will eliminate oscillation problems.
PSRR and Noise
Care should be taken to minimize the noise in the power supply rails. The figure of merit for an op amp’s ability
to keep power supply noise out of the signal is called Power Supply Rejection Ratio (PSRR). Observe from the
PSRR charts in the Typical Performance Characteristics section that the PSRR falls of dramatically as the
frequency of the noise on the power supply line goes up. This is one of the reasons switching power supplies
can cause problems. It should also be noticed from the charts that the negative supply pin is far more susceptible
to power noise. The design engineer should determine the switching frequencies and ripple voltages of the
power supplies in the system. If required, a series resistor or in the case of a high current op amp like the
LM6584, a series inductor can be used to filter out the noise.
Transients
In addition to the ripple and noise on the power supplies there are also transient voltage changes. This can be
caused by another device on the same power supply suddenly drawing current or suddenly stopping a current
draw. The design engineer should insure that there are no damaging transients induced on the power supply
lines when the op amp suddenly changes current delivery.
LAYOUT
Ground Planes
Do not assume the ground (or more properly, the common or return) of the power supply is an ocean of zero
impedance. The thinner the trace, the higher the resistance. Thin traces cause tiny inductances in the power
lines. These can react against the large currents the LM6584 is capable of delivering to cause oscillations,
instability, overshoot and distortion. A ground plane is the most effective way of insuring the ground is a uniform
low impedance. If a four layer board cannot be used, consider pouring a plane on one side of a two layer board.
If this cannot be done be sure to use as wide a trace as practicable and use extra decoupling capacitors to
minimize the AC variations on the ground rail.
Decoupling
A high-speed, high-current amp like the LM6584 must have generous decoupling capacitors. They should be as
close to the power pins as possible. Putting them on the back side opposite the power pins may give the tightest
layout. If ground and power planes are available, the placement of the decoupling caps are not as critical.
Breadboards
The high currents and high frequencies the LM6584 operates at, as well as thermal considerations, require that
prototyping of the design be done on a circuit board as opposed to a “Proto-Board” style breadboard.
STABILITY
General
High speed parts with large output current capability require special care to insure lack of oscillations. Keep the
“+” pin isolated from the output to insure stability. As noted above care should be take to insure the large output
currents do not appear in the ground or ground plane and then get coupled into the “+” pin. As always, good tight
layout is essential as is adequate use of decoupling capacitors on the power supplies.
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com