Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM8333GGR8AXS/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM8333GGR8AXS/NOPB
Description  LM8333 Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8333GGR8AXS/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM8333GGR8AXS/NOPB Datasheet HTML 1Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 2Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 3Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 4Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 5Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 6Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 7Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 8Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM8333
SNLS246K – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
SIGNAL DESCRIPTIONS
Name
32 Pins
49 Pins
I/O
Description
WAKE_IN0
29
D7
Input
Wake-up input/Keyboard scanning input 0
WAKE_IN1
30
C7
Input
Wake-up input/Keyboard scanning input 1
WAKE_IN2
27
E7
Input
Wake-up input/Keyboard scanning input 2
WAKE_IN3
28
D6
Input
Wake-up input/Keyboard scanning input 3
WAKE_IN4
31
B6
Input
Wake-up input/Keyboard scanning input 4
WAKE_IN5
32
A7
Input
Wake-up input/Keyboard scanning input 5
WAKE_IN6
1
A6
Input
Wake-up input/Keyboard scanning input 6
WAKE_IN7
2
B5
Input
Wake-up input/Keyboard scanning input 7
K_OUT0
21
G3
Output
Keyboard scanning output 0
K_OUT1
22
F4
Output
Keyboard scanning output 1
K_OUT2
23
G4
Output
Keyboard scanning output 2
K_OUT3
24
G5
Output
Keyboard scanning output 3
K_OUT4
3
A5
Output
Keyboard scanning output 4
K_OUT5
4
B4
Output
Keyboard scanning output 5
K_OUT6
5
A4
Output
Keyboard scanning output 6
K_OUT7
6
A3
Output
Keyboard scanning output 7
GEN_IO_0
12
D2
I/O
General-purpose I/O 0
GEN_IO_1
13
D1
I/O
General-purpose I/O 1
GEN_IO_2
7
B3
I/O
General-purpose I/O 2
GEN_IO_3
8
A2
I/O
General-purpose I/O 3
SDA
25
F7
I/O
ACCESS.bus data signal
SCL
26
E6
Input
ACCESS.bus clock signal
IRQ
17
F2
Output
Interrupt request output
PWM
16
F1
Output
Pulse-width modulated output
WD_OUT
18
G1
Output
Watchdog timer output (connect to RESET input)
RESET
20
F3
Input
Reset input
CLK_IN
11
B1
Input
Clock input (connect to ground through a 68k ohm resistor)
VCC
15
E1, E2
n.a.
Vcc
GND
9, 10, 14
A1, B2, C3,
n.a.
Ground
C4, C5, D3,
D4, D5, E3,
E4, E5
NC
19
B7, C1, C2,
n.a.
No connect
C6, F5, F6,
G2, G6, G7
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM8333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com