Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM8333GGR8AXS/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM8333GGR8AXS/NOPB
Description  LM8333 Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8333GGR8AXS/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM8333GGR8AXS/NOPB Datasheet HTML 2Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 3Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 4Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 5Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 6Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 7Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 8Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 9Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LM8333
SNLS246K – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
WATCHDOG TIMER
The watchdog timer is always enabled in hardware. To use the timer, connect the WD_OUT output to the
RESET input.
HALT MODE
The fully static architecture of the LM8333 allows stopping the internal RC clock in Halt mode, which reduces
power consumption to the minimum level.
Halt mode is entered when no key-press, key-release, or ACCESS.bus activity is detected for a certain period of
time (by default, 500 milliseconds). The mechanism for entering Halt mode is always enabled in hardware, but
the host can program the period of inactivity which triggers entry into Halt mode.
The LM8333 will remain in Active mode as long as a key event, or any other event, which causes the IRQ output
to be asserted is not resolved.
ACCESS.bus Activity
When the LM8333 is in Halt mode, any activity on the ACCESS.bus interface will cause the LM8333 to exit from
Halt mode. However, the LM8333 will not be able to acknowledge the first bus cycle immediately following wake-
up from Halt mode. It will respond with a negative acknowledgement, and the host should then repeat the cycle.
The LM8333 will be prevented from entering Halt mode if it shares the bus with peripherals that are continuously
active. For lowest power consumption, the LM8333 should only share the bus with peripherals that require little
or no bus activity after system initialization.
KEYPAD SCANNING
The LM8333 starts new scanning cycles at fixed time intervals of about 4 ms. If a change in the state of the
keypad is detected, the keypad is rescanned after a debounce delay. When the state change has been reliably
captured, it is encoded and written to the FIFO buffer.
If more than two keys are pressed simultaneously, the pattern of key closures may be ambiguous, so pressing
more than two keys asserts the Error Flag condition and the IRQ output (if enabled). The host may attempt to
interpret the events stored in the FIFO or discard them.
The SF keys connect the WAKE_INx pins directly to ground. There can be up to eight SF-keys. If any of these
keys are pressed, other key presses that use the same WAKE_INx pin will be ignored.
COMMUNICATION INTERFACE
The two-wire ACCESS.bus interface is used to communicate with a host. The ACCESS.bus interface is fully
compliant with the I2Cbus standard. The LM8333 operates as a bus slave at speeds up to 400 kHz.
An ACCESS.bus transfer starts with a byte that includes a 7-bit slave device address. The LM8333 responds to
a fixed device address. This address is 0xA2, when aligned to the MSB (7-bit address mapped to bits 7:1, rather
than bits 6:0). Bit 0 is a direction bit (0 on write, 1 on read).
Because it is a slave, the LM8333 never initiates an ACCESS.bus cycle, it only responds to bus cycles initiated
by the host. The LM8333 may signal events to the host by asserting the IRQ interrupt request.
Interrupts Between the Host and LM8333
The IRQ output is used to signal unresolved interrupts, errors, and key-events to the host.
The host can use an available GEN_IO_0 or GEN_IO_1 pin to interrupt (or wake-up) the LM8333, if it is not
being used for another function. The host can also wake-up the LM8333 by sending a Start Condition on the
ACCESS.bus interface.
NOTE
The LM8333 it will not be able to acknowledge the first byte received from the host after
wake-up. In this case, the host will have to resend the slave address.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM8333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com