Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM27951SD/NOPB.A Datasheet(PDF) 10 Page - Texas Instruments

Part # LM27951SD/NOPB.A
Description  LM27951 White LED Adaptive 1.5×/1× Switched-Capacitor Current Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM27951SD/NOPB.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM27951SD/NOPB.A Datasheet HTML 6Page - Texas Instruments LM27951SD/NOPB.A Datasheet HTML 7Page - Texas Instruments LM27951SD/NOPB.A Datasheet HTML 8Page - Texas Instruments LM27951SD/NOPB.A Datasheet HTML 9Page - Texas Instruments LM27951SD/NOPB.A Datasheet HTML 10Page - Texas Instruments LM27951SD/NOPB.A Datasheet HTML 11Page - Texas Instruments LM27951SD/NOPB.A Datasheet HTML 12Page - Texas Instruments LM27951SD/NOPB.A Datasheet HTML 13Page - Texas Instruments LM27951SD/NOPB.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LM27951
C2
VIN
C2+
C2-
D1
CIN
3.3 µF
1 µF
COUT
VOUT
3.3 µF
D4
PWM
D4
C1
C1+
C1-
1 µF
Capacitors: 1 µF - TDK C1608X7R1C105K
3.3 µF - TDK C1608X5R1A335K
VIN = 3 V to 5.5 V
IDX = 30 mA max
ISET
GND
EN
D2
D3
D3
D2
D1
RSET
10
LM27951
SNVS416C – NOVEMBER 2005 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM27951
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
8.2 Typical Application
Figure 5. LM27951 Typical Application
8.2.1 Design Requirements
For typical white-LED switched capacitor applications, use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.8 V
Output current
20 mA
RSET
12.5 k
Ω
8.2.2 Detailed Design Procedure
8.2.2.1 Setting LED Currents
The current through the four LEDs connected to D1-4 can be set to a desired level simply by connecting an
appropriately sized resistor (RSET) between the ISET pin of the LM27951 and GND. The LED currents are
proportional to the current that flows out of the ISET pin and are a factor of 200 times greater than the ISET current.
The feedback loop of an internal amplifier sets the voltage of the ISET pin to 1.25 V (typical). The previous
statements are simplified in Equation 4 and Equation 5:
IDx = 200 × (VSET / RSET)
(4)
RSET = 200 × (1.25 V / IDx)
(5)
8.2.2.2 Capacitor Selection
The LM27951 requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. These capacitors are small, inexpensive and have very low equivalent series resistance
(ESR) — < 20 m
Ω typical. Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors are
not recommended for use with the LM27951 due to their high ESR, compared to ceramic capacitors.
For most applications, it is preferable to use ceramic capacitors with X7R or X5R temperature characteristic with
the LM27951. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over –55°C to 125°C; X5R: ±15% over –55°C to +85°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com