Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48100QMHX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM48100QMHX/NOPB
Description  LM48100Q-Q1 Boomer™ Mono, 1.3-W Audio Power Amplifier With Output Fault Detection and Volume Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48100QMHX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM48100QMHX/NOPB Datasheet HTML 1Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 2Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 3Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 4Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 5Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 6Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 7Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 8Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM48100Q-Q1
SNAS470E – OCTOBER 2008 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2) (3)
MIN
MAX
UNIT
Supply voltage, continuous
6
V
Input voltage
−0.3
VDD + 0.3
°C
Power dissipation(4)
Internally Limited
Junction temperature
150
°C
Lead temperature (soldering 4 sec)(5)
260
°C
Storage temperature
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The Electrical Characteristics tables found in Specifications list ensured specifications under the listed Recommended Operating
Conditions except as otherwise modified or specified by the Electrical Characteristics Test Conditions, Notes, or both. Typical
specifications are estimations only and are not ensured.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
θJA measured with a 4 layer JEDEC board.
(5)
For detailed information on soldering plastic HTSSOP and LLP packages go to the TI Packaging site, ti.com/packaging.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
2500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
300
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Temperature
TMIN ≤ TA ≤ TMAX
−40
105
°C
Supply voltage
VDDand PVDD
3
5.5
V
1.8
5.5
V
I2C Supply voltage
I2CVDD
I2CVDD
VDD
V
6.4 Thermal Information
LM48100Q-Q1
THERMAL METRIC(1)
PWP (HTSSOP)
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance
37.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
5.2
°C/W
RθJB
Junction-to-board thermal resistance
—
°C/W
ψJT
Junction-to-top characterization parameter
—
°C/W
ψJB
Junction-to-board characterization parameter
—
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM48100Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com