Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48100QMHX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM48100QMHX/NOPB
Description  LM48100Q-Q1 Boomer™ Mono, 1.3-W Audio Power Amplifier With Output Fault Detection and Volume Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48100QMHX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM48100QMHX/NOPB Datasheet HTML 6Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 7Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 8Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 9Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 10Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 11Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 12Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 13Page - Texas Instruments LM48100QMHX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
FREQUENCY (Hz)
0
0.5
1
1.5
2
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 10%
THD+N = 1%
0
0.5
1
1.5
2
2.5
3
3.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
0
200
400
600
800
1000
1200
1400
0
500
1000
1500
2000
2500
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
0
100
200
300
400
500
600
700
800
0
250
500
750
1000
1250
1500
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
LM48100Q-Q1
SNAS470E – OCTOBER 2008 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
f = 1 kHz
RL = 8 Ω
f = 1 kHz
RL = 4 Ω
Figure 8. Power Dissipation vs Output Power
Figure 7. Power Dissipation vs Output Power
f = 1 kHz
RL = 4 Ω
f = 1 kHz
RL = 8 Ω
Figure 9. Output Power vs Supply Voltage
Figure 10. Output Power vs Supply Voltage
VDD = 3.6 V
VRIPPLE = 200 mVP-P
RL = 8 Ω
Figure 11. PSRR vs Frequency
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM48100Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com