Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC7660IM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMC7660IM/NOPB
Description  LMC7660 Switched Capacitor Voltage Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC7660IM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMC7660IM/NOPB Datasheet HTML 1Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 2Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 3Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LMC7660
SNOSBZ9C – APRIL 1997 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage
10.5V
−0.3V to (V+ + 0.3V)
for V+ < 5.5V
Input Voltage on Pin 6, 7(3)
(V+
− 5.5V) to (V+ + 0.3V)
for V+ > 5.5V
Current into Pin 6 (3)
20
μA
Output Short Circuit
Duration (V+
≤ 5.5V)
Continuous
Power Dissipation (4)
PDIP Package
1.4W
SOIC Package
0.6W
TJ Max
(4)
150°C
θJA
(4)
PDIP Package
90°C/W
SOIC Package
160°C/W
Storage Temp. Range
−65°C ≤ T ≤ 150°C
Lead Temperature
(Soldering, 5 sec.)
260°C
ESD Tolerance (5)
± 2000V
(1)
Absolute Maximum ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions. See Note (1) under Electrical Characteristics for conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Connecting any input terminal to voltages greater than V+ or less than ground may cause destructive latchup. It is recommended that no
inputs from sources operating from external supplies be applied prior to “power-up” of the LMC7660.
(4)
For operation at elevated temperature, these devices must be derated based on a thermal resistance of
θja and Tj max, Tj = TA + θja PD.
(5)
The test circuit consists of the human body model of 100 pF in series with 1500
Ω.
ELECTRICAL CHARACTERISTICS
(1)
LMC7660IN/
Units
LMC7660IM
Symbol
Parameter
Conditions
Typ
Limits
Limit (2)
Is
Supply Current
RL = ∞
120
200
μA
400
max
V+H
Supply Voltage
RL = 10 kΩ, Pin 6 Open
3 to 10
3 to 10
V
Range High (3)
Voltage Efficiency
≥ 90%
3 to 10
V+L
Supply Voltage
RL = 10 kΩ, Pin 6 to Gnd.
1.5 to 3.5
1.5 to 3.5
V
Range Low
Voltage Efficiency
≥ 90%
1.5 to 3.5
(1)
Boldface numbers apply at temperature extremes. All other numbers apply at TA = 25°C, V
+ = 5V, C
osc = 0, and apply for the LMC7660
unless otherwise specified. Test circuit is shown in Figure 1 .
(2)
Limits at room temperature are specified and 100% production tested. Limits in boldface are specified over the operating temperature
range (but not 100% tested), and are not used to calculate outgoing quality levels.
(3)
The LMC7660 can operate without an external diode over the full temperature and voltage range. The LMC7660 can also be used with
the external diode Dx, when replacing previous 7660 designs.
2
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LMC7660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com