Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC7660IM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMC7660IM/NOPB
Description  LMC7660 Switched Capacitor Voltage Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC7660IM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMC7660IM/NOPB Datasheet HTML 1Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 2Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 3Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC7660IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LMC7660
www.ti.com
SNOSBZ9C – APRIL 1997 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
(1) (continued)
LMC7660IN/
Units
LMC7660IM
Symbol
Parameter
Conditions
Typ
Limits
Limit (2)
Rout
Output Source
IL = 20 mA
55
100
Ω
Resistance
120
max
V = 2V, IL = 3 mA
110
200
Ω
Pin 6 Short to Gnd.
300
max
Fosc
Oscillator
10
kHz
Frequency
Peff
Power Efficiency
RL = 5 kΩ
97
95
%
90
min
Vo eff
Voltage Conversion
RL = ∞
99.9
97
%
Efficiency
95
min
Iosc
Oscillator Sink or
Pin 7 = Gnd. or V+
3
μA
Source Current
Figure 1. LMC7660 Test Circuit
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC7660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com