Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC7660IM/NOPB.B Datasheet(PDF) 6 Page - Texas Instruments

Part # LMC7660IM/NOPB.B
Description  LMC7660 Switched Capacitor Voltage Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC7660IM/NOPB.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMC7660IM/NOPB.B Datasheet HTML 2Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 3Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 4Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 5Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 6Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 7Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 8Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 9Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LMC7660
SNOSBZ9C – APRIL 1997 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
CIRCUIT DESCRIPTION
The LMC7660 contains four large CMOS switches which are switched in a sequence to provide supply inversion
Vout = −Vin. Energy transfer and storage are provided by two inexpensive electrolytic capacitors. Figure 11 shows
how the LMC7660 can be used to generate
−V+ from V+. When switches S1 and S3 are closed, Cp charges to
the supply voltage V+. During this time interval, switches S2 and S4 are open. After Cp charges to V
+, S1 and S3
are opened, S2 and S4 are then closed. By connecting S2 to ground, Cp develops a voltage −V
+/2 on C
r. After a
number of cycles Cr will be pumped to exactly −V
+. This transfer will be exact assuming no load on C
r, and no
loss in the switches.
In the circuit of Figure 11, S1 is a P-channel device and S2, S3, and S4 are N-channel devices. Because the
output is biased below ground, it is important that the p− wells of S3 and S4 never become forward biased with
respect to either their sources or drains. A substrate logic circuit specifies that these p− wells are always held at
the proper voltage. Under all conditions S4 p− well must be at the lowest potential in the circuit. To switch off S4,
a level translator generates VGS4 = 0V, and this is accomplished by biasing the level translator from the S4 p
−
well.
An internal RC oscillator and ÷ 2 circuit provide timing signals to the level translator. The built-in regulator biases
the oscillator and divider to reduce power dissipation on high supply voltage. The regulator becomes active at
about V+ = 6.5V. Low voltage operation can be improved if the LV pin is shorted to ground for V+
≤ 3.5V. For V+
≥ 3.5V, the LV pin must be left open to prevent damage to the part.
POWER EFFICIENCY AND RIPPLE
It is theoretically possible to approach 100% efficiency if the following conditions are met:
1. The drive circuitry consumes little power.
2. The power switches are matched and have low Ron.
3. The impedance of the reservoir and pump capacitors are negligibly small at the pumping frequency.
The LMC7660 closely approaches 1 and 2 above. By using a large pump capacitor Cp, the charge removed
while supplying the reservoir capacitor is small compared to Cp's total charge. Small removed charge means
small changes in the pump capacitor voltage, and thus small energy loss and high efficiency. The energy loss by
Cp is:
(1)
By using a large reservoir capacitor, the output ripple can be reduced to an acceptable level. For example, if the
load current is 5 mA and the accepted ripple is 200 mV, then the reservoir capacitor can omit approximately be
calculated from:
(2)
PRECAUTIONS
1. Do not exceed the maximum supply voltage or junction temperature.
2. Do not short pin 6 (LV terminal) to ground for supply voltages greater than 3.5V.
3. Do not short circuit the output to V+.
4. External electrolytic capacitors Cr and Cp should have their polarities connected as shown in Figure 1.
REPLACING PREVIOUS 7660 DESIGNS
To prevent destructive latchup, previous 7660 designs require a diode in series with the output when operated at
elevated temperature or supply voltage. Although this prevented the latchup problem of these designs, it lowered
the available output voltage and increased the output series resistance.
The TI LMC7660 has been designed to solve the inherent latch problem. The LCM7660 can operate over the
entire supply voltage and temperature range without the need for an output diode. When replacing existing
designs, the LMC7660 can be operated with diode Dx.
6
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LMC7660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com