Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6586VS/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LMH6586VS/NOPB
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMH6586VS/NOPB Datasheet HTML 12Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 13Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 14Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 15Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 16Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 17Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 18Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 19Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
OUTPUT VIDEO LEVEL (V)
AV = 1V/V
RL = 1 k:
REF
0.6
0.7
0.8
0.9
1
1.1
1.2
OUTPUT VIDEO LEVEL (V)
1.3
AV = 2V/V
RL = 150:
REF
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
OUTPUT VIDEO LEVEL (V)
AV = 1V/V
RL = 150:
REF
REF
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
OUTPUT VIDEO LEVEL (V)
AV = 2V/V
RL = 1 k:
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
OUTPUT VIDEO LEVEL (V)
AV = 1V/V
RL = 1 k:
REF
INPUT
200 mV/DIV
25 ns/DIV
OUTPUT
500 mV/DIV
AV = 2V/V
CL = 30 pF
LMH6586
SNCS105D – JULY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, VDD = 5V, REXT = 10 kΩ 1%, RL = 150Ω, CL = 12 pF. Small Signal Input Signal = 20
mVPP, Medium Signal Input Signal = 200 mVPP , Large Signal Input Signal = 750 mVPP
Large Signal Pulse Response with Capacitive Load
Differential Phase
0.6V Output Level = 0 IRE
1.3V Output Level = 100 IRE
Figure 39.
Figure 40.
Differential Phase
Differential Phase
0.6V Output Level = 0 IRE
0.6V Output Level = 0 IRE
1.3V Output Level = 100 IRE
1.3V Output Level = 100 IRE
Figure 41.
Figure 42.
Differential Phase
Differential Gain
0.6V Output Level = 0 IRE
0.6V Output Level = 0 IRE
1.3V Output Level = 100 IRE
1.3V Output Level = 100 IRE
Figure 43.
Figure 44.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com