Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6704MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6704MA/NOPB
Description  LMH6704 650 MHz Selectable Gain Buffer with Disable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6704MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6704MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LMH6704
www.ti.com
SNOSAD0C – FEBRUARY 2005 – REVISED MARCH 2013
Electrical Characteristics
(1)
TA = +25°C , AV = +2, VS = ±5V, RL = 100Ω; unless specified.
Symbol
Parameter
Conditions
Min (2)
Typ (2)
Max (2)
Units
Dynamic Performance
SSBW
VOUT = 0.5 VPP, AV = +1
650
SSBW
-3 dB Bandwidth
VOUT = 0.5 VPP
450
MHz
LSBW
VOUT = 2 VPP
400
GF0.1dB
0.1 dB Gain Bandwidth
VOUT = 2 VPP
200
MHz
SR
Slew Rate
VOUT = 4 VPP, 40% to 60%
(3)
3000
V/µs
Rise and Fall Time
TRS/TRL
2V Step
0.9
ns
(10% to 90%)
ts
Settling Time to 0.1%
2V Step
10
ns
Distortion and Noise Response
HD2L
2nd Harmonic Distortion
VOUT = 2.0 VPP, f = 10 MHz
−62
dBc
HD2H
VOUT = 2.0 VPP, f = 40 MHz
−52
HD3L
3rd Harmonic Distortion
VOUT = 2.0 VPP, f = 10 MHz
−78
dBc
HD3H
VOUT = 2.0 VPP, f = 40 MHz
−65
IMD
Two-Tone Intermodulation
f = 10 MHz, POUT = 10 dBm/tone
−65
dBc
AV = +2
10.5
VN
Output Noise Voltage
f = 100 kHz
AV = +1
9.3
nV/
√Hz
AV = −1
10.5
INN
Non-Inverting Input Noise Current
3
pA/
√Hz
DG
Differential Gain
RL = 150Ω, f = 4.43 MHz
.02
%
DP
Differential Phase
RL = 150Ω, f = 4.43 MHz
0.02
deg
Static, DC Performance
1.98
2.00
2.02
AV
Gain
V/V
1.96
2.04
−1
+1
Gain Error
%
−2
+2
2
±7
VIO
Input Offset Voltage
mV
±8.3
DVIO
Input Offset Voltage Average Drift
35
μV/°C
Non-Inverting (4)
−5
±15
IBN
Input Bias Current
μA
±18
±22
IBI
Input Bias Current
Inverting
5
±31
CMIR
Common Mode Input Range
VIO ≤ 15 mV
±1.9
±2
V
PSRR
Power Supply Rejection Ratio
DC
48
52
dB
47
RL = ∞
±3.3
±3.5
±3.18
VO
Output Voltage Swing
V
RL = 100Ω
±3.2
±3.5
±3.12
IO
Linear Output Current
VOUT ≤ 80 mV
±55
±90
mA
11.5
12.5
Supply Current (Enabled)
DIS = 2V, RL = ∞
13.7
IS
mA
0.25
0.9
Supply Current (Disabled)
DIS = 0.8V, RL = ∞
0.925
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. Parametric performance is indicated in the electrical tables under conditions of
internal self-heating where TJ > TA. Min/Max ratings are based on production testing unless otherwise specified.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested on shipped production material.
(3)
Slew Rate is the average of the rising and falling edges.
(4)
Negative current implies current flowing out of the device.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com