Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6704MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6704MA/NOPB
Description  LMH6704 650 MHz Selectable Gain Buffer with Disable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6704MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH6704MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LMH6704
SNOSAD0C – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
TA = +25°C , AV = +2, VS = ±5V, RL = 100Ω; unless specified.
Symbol
Parameter
Conditions
Min (2)
Typ (2)
Max (2)
Units
RF & RG
Internal RF and RG
375
465
563
Ω
ROUT
Closed Loop Output Resistance
DC
0.05
Ω
RIN+
Input Resistance
1
M
Ω
CIN+
Input Capacitance
1
pF
Enable/Disable Performance (Disabled Low)
TON
Enable Time
10
ns
TOFF
Disable Time
10
ns
Output Glitch
50
mVPP
VIH
Enable Voltage
DIS
≥ VIH
2.0
V
VIL
Disable Voltage
DIS
≤ VIL
0.8
IIH
Disable Input Bias Current, High
DIS = V+, (4)
−1
±50
µA
IIL
Disable Input Bias Current, Low
DIS = 0V (4)
0
−100
−350
µA
±25
IOZ
Disabled Output Leakage Current
AV = +1, VOUT = ±1.8V
0.2
µA
±50
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com