Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2231AMF/NOPB.A Datasheet(PDF) 16 Page - Texas Instruments

Part # LMP2231AMF/NOPB.A
Description  LMP2231 Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2231AMF/NOPB.A Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP2231AMF/NOPB.A Datasheet HTML 12Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 13Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 14Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 15Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 16Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 17Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 18Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 19Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
10
100
1k
10k
100k
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
VS = 2.5V
VS = 3.3V
VS = 5V
1
10
100
1k
10k
FREQUENCY (Hz)
1
10
100
1000
VS = 5V
100 Ps/DIV
VS = 5V
VIN = 400 mVPP
f = 1 kHz
AV = +10
RL = 10 k:
CL = 20 pF
100 Ps/DIV
VS = 5V
VIN = 50 mVPP
f = 1 kHz
AV = +10
RL = 10 k:
CL = 20 pF
LMP2231
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise Specified: TA = 25°C, VS = 5V, VCM = VS/2, where VS = V
+ - V−
Large Signal Step Response
Small Signal Step Response
Figure 44.
Figure 45.
CMRR
Input Voltage Noise
vs.
vs.
Frequency
Frequency
Figure 46.
Figure 47.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com