Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2231AMF/NOPB.A Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP2231AMF/NOPB.A
Description  LMP2231 Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2231AMF/NOPB.A Datasheet(HTML) 1 Page - Texas Instruments

  LMP2231AMF/NOPB.A Datasheet HTML 1Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 2Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 3Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 4Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 5Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 6Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 7Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 8Page - Texas Instruments LMP2231AMF/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LMP2231
www.ti.com
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
LMP2231 Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
Check for Samples: LMP2231
1
FEATURES
DESCRIPTION
The LMP2231 is a single micropower precision
23
(For VS = 5V, TA = 25°C, Typical Unless
amplifier designed for battery powered applications.
Otherwise Noted)
The 1.6V to 5.5V operating supply voltage range and
•
Supply Current 10 µA
quiescent power consumption of only 16
μW extend
•
Operating Voltage Range 1.6V to 5.5V
the battery life in portable battery operated systems.
The LMP2231 is part of the LMP™ precision amplifier
•
TCVOS (LMP2231A) ±0.4 µV/°C (max)
family. The high impedance CMOS input makes it
•
TCVOS (LMP2231B) ±2.5µV/°C (max)
ideal for instrumentation and other sensor interface
•
VOS ±150 µV (max)
applications.
•
Input Bias Current 20 fA
The LMP2231 has a maximum offset of 150 µV and
•
PSRR 120 dB
maximum offset voltage drift of only 0.4 µV/°C along
with low bias current of only ±20 fA. These precise
•
CMRR 97 dB
specifications make the LMP2231 a great choice for
•
Open Loop Gain 120 dB
maintaining system accuracy and long term stability.
•
Gain Bandwidth Product 130 kHz
The LMP2231 has a rail-to-rail output that swings 15
•
Slew Rate 58 V/ms
mV from the supply voltage, which increases system
•
Input Voltage Noise, f = 1 kHz 60 nV/
√Hz
dynamic range. The common mode input voltage
range extends 200 mV below the negative supply,
•
Temperature Range –40°C to 125°C
thus the LMP2231 is ideal for use in single supply
applications with ground sensing.
APPLICATIONS
The LMP2231 is offered in 5-Pin SOT-23 and 8-pin
•
Precision Instrumentation Amplifiers
SOIC packages.
•
Battery Powered Medical Instrumentation
The dual and quad versions of this product are also
•
High Impedance Sensors
available. The dual, LMP2232 is offered in 8-pin
•
Strain Gauge Bridge Amplifier
SOIC and VSSOP. The quad, LMP2234 is offered in
14-pin SOIC and TSSOP.
•
Thermocouple Amplifiers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP2231AMF/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2231AMF/NOPB TI-LMP2231AMF/NOPB Datasheet
1Mb / 31P
Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
More results

Similar Description - LMP2231AMF/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
LMP2231 NSC-LMP2231 Datasheet
801Kb / 20P
Micropower, 1.8V, Precision Operational Amplifier with CMOS Inputs
LMP2231_0812 NSC-LMP2231_0812 Datasheet
802Kb / 20P
Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2232_0812 NSC-LMP2232_0812 Datasheet
803Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234_0812 NSC-LMP2234_0812 Datasheet
856Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMP2234 TI-LMP2234_13 Datasheet
1Mb / 31P
LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
National Semiconductor ...
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMP2231 TI-LMP2231_15 Datasheet
1Mb / 31P
Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2232 TI1-LMP2232_15 Datasheet
1Mb / 31P
Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
Quad Micropower, 1.6V, Precision, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com