Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2231AMFX/NOPB.A Datasheet(PDF) 21 Page - Texas Instruments

Part # LMP2231AMFX/NOPB.A
Description  LMP2231 Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2231AMFX/NOPB.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP2231AMFX/NOPB.A Datasheet HTML 17Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 18Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 19Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 20Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 21Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 22Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 23Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 24Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ADC121S021
IN
V
+
LM4140A
6
2
1,4,7,8
3
V
+
1 PF
+
-
0.1 PF
10 PF
VA
V
+
+
-
+
-
-
+
12 k:
10 k:
40 k:
½
LMP2232
R+'R
R+'R
R
R
V
+
V
+
V
+
12 k:
10 k:
40 k:
1 k:
LMP2231
½
LMP2232
LMP2231
GND
EXCITATION
SOURCE
R1
R2
R3
R4
VOUT
(a)
VOUT
1 +
R3
R1
¨
¨
©
§
1 +
R4
R2
¨
¨
©
§
R3
R1
-
R4
R2
x VSOURCE
=
EXCITATION
SOURCE
R + 'R
R - 'R
R - 'R
R + 'R
VOUT
(b)
VOUT =
'R
R
x VSOURCE
LMP2231
www.ti.com
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
Figure 51 (a) shows a typical bridge sensor and Figure 51(b) shows the bridge with four sensors. R in
Figure 51(b) is the nominal value of the sense resistor and the deviations from R are proportional to the quantity
being measured.
Figure 51. Bridge Sensor
Instrumentation amplifiers are great for interfacing with bridge sensors. Bridge sensors often sense a very small
differential signal in the presence of a larger common mode voltage. Instrumentation amplifiers reject this
common mode signal.
Figure 52 shows a strain gauge bridge amplifier. In this application the LMP2231 is used to buffer the LM4140's
precision output voltage. The LM4140A is a precision voltage reference. The other three LMP2231s are used to
form an instrumentation amplifier. This instrumentation amplifier uses the LMP2231's high CMRR and low VOS
and TCVOS to accurately amplify the small differential signal generated by the output of the bridge sensor. This
amplified signal is then fed into the ADC121S021 which is a 12-bit analog to digital converter. This circuit works
on a single supply voltage of 5V.
Figure 52. Strain Gauge Bridge Amplifier
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com