Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2231AMFX/NOPB.A Datasheet(PDF) 9 Page - Texas Instruments

Part # LMP2231AMFX/NOPB.A
Description  LMP2231 Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2231AMFX/NOPB.A Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP2231AMFX/NOPB.A Datasheet HTML 5Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 6Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 7Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 8Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 9Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 10Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 11Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 12Page - Texas Instruments LMP2231AMFX/NOPB.A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
-150
-100
-50
0
50
100
150
VOS (PV)
0
2
4
6
8
10
12
14
VS = 2.5V
TA = 25°C
VCM = VS/2
-2.5 -2 -1.5 -1 -0.5 0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
TCVOS (PV/°C)
VS = 2.5V
VCM = VS/2
-40°C d TA d 125°C
-150
-100
-50
0
50
100
150
VOS (PV)
0
2
4
6
8
10
12
14
VS = 3.3V
TA = 25°C
VCM = VS/2
-2.5 -2 -1.5 -1 -0.5 0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
TCVOS (PV/°C)
-40°C d TA d 125°C
VS = 3.3V
VCM = VS/2
-150
-100
-50
0
50
100
150
VOS (PV)
0
2
4
6
8
10
12
14
16
VS = 5V
TA = 25°C
VCM = VS/2
-2.5 -2 -1.5 -1 -0.5 0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
TCVOS (PV/°C)
VS = 5V
VCM = VS/2
-40°C d TA d 125°C
LMP2231
www.ti.com
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise Specified: TA = 25°C, VS = 5V, VCM = VS/2, where VS = V
+ - V−
Offset Voltage Distribution
TCVOS Distribution
Figure 4.
Figure 5.
Offset Voltage Distribution
TCVOS Distribution
Figure 6.
Figure 7.
Offset Voltage Distribution
TCVOS Distribution
Figure 8.
Figure 9.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com