Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV761MA/NOPB.A Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV761MA/NOPB.A
Description  LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV761MA/NOPB.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV761MA/NOPB.A Datasheet HTML 3Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 4Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 5Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 6Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 7Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 8Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 9Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 10Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LMV761, LMV762, LMV762Q-Q1
www.ti.com
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
6.8 2-V Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overdrive = 5 mV
270
Propagation delay
tPD
RL = 5.1 kΩ
Overdrive = 10 mV
205
ns
CL = 50 pF
Overdrive = 50 mV
120
tSKEW
Propagation delay skew
5
ns
tr
Output rise time
10% to 90%
1.7
ns
tf
Output fall time
90% to 10%
1.8
ns
ton
Turnon time from shutdown
6
μs
6.9 5-V Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overdrive = 5 mV
225
Propagation delay
tPD
RL = 5.1 kΩ
Overdrive = 10 mV
190
ns
CL = 50 pF
Overdrive = 50 mV
120
tSKEW
Propagation delay skew
5
ns
tr
Output rise time
10% to 90%
1.7
ns
tf
Output fall time
90% to 10%
1.5
ns
ton
Turnon time from shutdown
4
μs
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV761 LMV762 LMV762Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com