Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV761MA/NOPB.A Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV761MA/NOPB.A
Description  LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV761MA/NOPB.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV761MA/NOPB.A Datasheet HTML 4Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 5Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 6Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 7Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 8Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 9Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 10Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 11Page - Texas Instruments LMV761MA/NOPB.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC (V)
0
0.5
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-40°C
125°C
85°C
25°C
IL = 4 mA
0
1
2
3
4
5
-100
-80
-60
-40
-20
0
20
40
60
80
100
COMMON MODE VOLTAGE (V)
VS = +5 V
2.5
3
3.5
4
4.5
5
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
VCC (V)
125°C
-40°C
85°C
25°C
0
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
-100
-80
-60
-40
-20
0
20
40
60
80
100
COMMON MODE VOLTAGE (V)
VS = +2.7 V
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
V
(V)
CC
125°C
85°C
25°C
-40°C
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
V
(V)
CC
125°C
85°C
25°C
-40°C
LMV761, LMV762, LMV762Q-Q1
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
www.ti.com
6.10 Typical Characteristics
VO = High
VO = Low
Figure 1. PSI vs VCC
Figure 2. PSI vs VCC
Figure 4. Input Bias vs Common Mode at 25°C
Figure 3. VOS vs VCC
Figure 5. Input Bias vs Common Mode at 25°C
Figure 6. Output Voltage vs Supply Voltage
8
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LMV761 LMV762 LMV762Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com