Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3954TL/NOPB.A Datasheet(PDF) 23 Page - Texas Instruments

Part # LP3954TL/NOPB.A
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TL/NOPB.A Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP3954TL/NOPB.A Datasheet HTML 19Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 20Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 21Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 22Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 23Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 24Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 25Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 26Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
0
10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
70
80
90
100
INPUT AMPLITUDE (%)
BLUE
GREEN
RED
5.00
0.05
GAIN (dB)
0
21
3
6
9
12
15
18
0.10
0.15
0.20
0.25
0.30
0.50
1.00
1.50
2.00
2.50
3.00
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
Figure 18. Overlapping mode MODE_CTRL[1:0] =
Figure 19. Peak Input Signal Level
[10]
Range vs Gain Setting
RGB OUTPUT SYNCHRONIZATION TO EXTERNAL CLOCK
The RGB pattern generator and high current flash driver timing can be synchronized to external clock with
following configuration.
1. Set PWM_SYNC bit in Enables register to 1
2. Feed PWM_SYNC pin with 5 MHz clock
By this the internal 5 MHz clock is disabled from pattern generator and flash timing circuitry.
The external clock signal frequency will fully determine the timings related to RGB and Flash.
Note: The boost converter will use internal 5 MHz clock even if the external clock is available.
RGB Driver Typical Performance Characteristics
RGB DRIVER ELECTRICAL CHARACTERISTICS (R1, G1, B1, R2, G2, B2 OUTPUTS)
Parameter
Test Conditions
Min
Typ
Max
Unit
ILEAKAGE
R1, G1, B1, R2, G2, B2 pin
0.1
1
µA
leakage current
IMAX(RGB)
Maximum recommended sink
CC mode
40
mA
current(1)
SW mode
50
mA
Accuracy at 37mA
RRGB=3.3 kΩ ±1%, CC mode
±5
%
Current mirror ratio
CC mode
1:100
RGB1 and RGB2 current
IRGB=37mA, CC mode
±5
%
mismatch
RSW
Switch resistance
SW mode
2.5
4
Ω
ƒRGB
RGB switching frequency
Accuracy proportional to internal
18.2
20
21.8
kHz
clock freq.
If external SYNC 5MHz is in use
20
kHz
(1)
Note: RGB current should be limited as follows:
constant current mode – limit by external RRGB resistor;
switch mode – limit by external ballast resistors
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com