Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3954TL/NOPB.A Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3954TL/NOPB.A
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TL/NOPB.A Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3954TL/NOPB.A Datasheet HTML 7Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 9Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 10Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 11Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 12Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 13Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 14Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
TIME (200 ns/DIV)
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
Figure 3. Boost Output Voltage Control
BOOST FREQUENCY CONTROL
freq_sel[2:0](1)
frequency
1XX
2.00 MHz
01X
1.67 MHz
001
1.00 MHz
(1)
Register ‘boost freq’ (address 0EH). Register default value after
reset is 07H.
Boost Converter Typical Performance Characteristics
Vin = 3.6V, Vout = 5.0V if not otherwise stated
Boost Converter Efficiency
Boost Typical Waveforms at 100mA Load
Figure 4.
Figure 5.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com