Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5562TMX/NOPB.B Datasheet(PDF) 23 Page - Texas Instruments

Part # LP5562TMX/NOPB.B
Description  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562TMX/NOPB.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP5562TMX/NOPB.B Datasheet HTML 19Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 20Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 21Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 22Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 23Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 24Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 25Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 26Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
Input
Buffer
Level
Shifter
Level
Shifter
SDA
SCL
VDD
EN
Level
Shifter
ADDR_SEL0
Level
Shifter
ADDR_SEL1
Level
Shifter
CLK_32K
SVA-30197409
23
LP5562
www.ti.com
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Figure 18. Using EN Pin as Digital I/O Voltage Reference
7.3.9 ADDR_SEL0, ADDR_SEL1 Pins
The ADDR_SEL0 and ADDR_SEL1 pins define the device I2C address. Pins are referenced to EN pin signal
level. See I2C Addresses for I2C address definitions.
7.3.10 CLK_32 Pin
The CLK_32K pin is used for connecting an external 32-kHz clock to LP5562. An external clock can be used to
synchronize the sequence engines of several LP5562 devices. Using an external clock can also improve
automatic power save mode efficiency, because an internal clock can be switched off automatically when device
has entered power-save mode, and an external clock is present. Device can be used without the external clock.
If external clock is not used on the application, the CLK_32K pin should be connected to GND to prevent floating
of this pin and extra current consumption.
7.4 Device Functional Modes
RESET:
In the reset mode all the internal registers are reset to the default values. Reset is done always if
FFh is written to Reset Register (0Dh) or internal Power On Reset is activated. Power On Reset
(POR) will activate when supply voltage is connected or when the supply voltage VDD falls below
1.5 V (typical). Once VDD rises above 1.9 V (typical), POR will inactivate and the chip will continue
to the standby mode. CHIP_EN control bit is low after POR by default.
STANDBY: The standby mode is entered if the register bit CHIP_EN or EN pin is low and Reset is not active.
This is the low power consumption mode, when all circuit functions are disabled. Registers can be
written in this mode if EN pin is high. Control bits are effective after start up.
START-UP: When CHIP_EN bit is written high and EN pin is high, the internal startup sequence powers up all
the needed internal blocks (VREF, Bias, Oscillator etc.). Start-up delay after setting EN pin high is
1 ms (typical). Start-up delay after setting chip_en bit to '1' is 500 μs (typical). If the device
temperature rises too high, the Thermal Shutdown (TSD) disables the device operation and the
device state is in start-up mode, until no thermal shutdown event is present.
NORMAL:
During normal mode the user controls the device using the Control Registers. If EN pin is set low,
the CHIP_EN bit is reset to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com