Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5562TMX/NOPB.B Datasheet(PDF) 36 Page - Texas Instruments

Part # LP5562TMX/NOPB.B
Description  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562TMX/NOPB.B Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP5562TMX/NOPB.B Datasheet HTML 32Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 33Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 34Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 35Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 36Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 37Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 38Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 39Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
36
LP5562
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
7.6.10 Engine 1 Program Counter Value Register (Engine 1 PC) (address = 09h) [reset = 00h]
PC registers are synchronized to a 32-kHz clock. Delay between consecutive I2C writes to PC registers needs to
be longer than 153 μs (typical). PC register can be read or written only when EXEC mode is hold.
Figure 35. Engine 1 PC Value Register
7
6
5
4
3
2
1
0
ENG1_PC[3:0]
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 36. Engine 1 PC Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
ENG1_PC
R/W
Engine 1 program counter value
7.6.11 Engine 2 Program Counter Value Register (Engine 2 PC) (address = 0Ah) [reset = 00h]
PC registers are synchronized to 32-kHz clock. Delay between consecutive I2C writes to PC registers needs to
be longer than 153 μs (typical). PC register can be read or written only when EXEC mode is hold.
Figure 36. Engine 2 PC Value Register
7
6
5
4
3
2
1
0
ENG2_PC[3:0]
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 37. Engine 2 PC Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
ENG2_PC
R/W
Engine 2 program counter value
7.6.12 Engine 3 Program Counter Value Register (Engine 3 PC) (address = 0Ah) [reset = 00h]
PC registers are synchronized to 32 kHz clock. Delay between consecutive I2C writes to PC registers needs to
be longer than 153 μs (typ.). PC register can be read or written only when EXEC mode is hold.
Figure 37. Engine 3 PC Value Register
7
6
5
4
3
2
1
0
ENG3_PC[3:0]
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 38. Engine 3 PC Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
ENG3_PC
R/W
Engine 3 program counter value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com