Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5904TME-2.8/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LP5904TME-2.8/NOPB
Description  Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5904TME-2.8/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP5904TME-2.8/NOPB Datasheet HTML 1Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 2Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 3Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 4Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 5Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 6Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 7Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 8Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LP5904
www.ti.com
SNVS637G – MARCH 2011 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input Voltage
–0.3
6.0
V
VOUT
Output Voltage
–0.3 to (VIN + 0.3V)
6.0
V
VEN
Enable Input Voltage
–0.3 to (VIN + 0.3V)
6.0
V
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJMAX)
150
°C
Storage Temperature Range
–65
150
°C
Maximum Lead Temperature (Soldering, 10 sec.)
260
°C
Human Body Model
2
kV
ESD Rating(5)
Machine Model
200
V
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(3)
All voltages are with respect to the potential at the GND pin.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage.
(5)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
OPERATING RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input Voltage Range
2.2
5.5
V
VEN
Enable Voltage Range
0 to (VIN + 0.3)
5.5
V
Recommended Load Current(3)
0
200
mA
TJ
Junction Temperature Range
–40
+125
°C
TA
Ambient Temperature Range(3)
–40
+85
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). See applications section.
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
JEDEC Board (DSBGA)(2)
119.6
°C/W
θJA
Junction to Ambient Thermal Resistance(1)
4L Cellphone Board (DSBGA)
186.5
°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(2)
Detailed description of the board can be found in JESD51-7
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP5904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com