Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5904TME-2.8/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LP5904TME-2.8/NOPB
Description  Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5904TME-2.8/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5904TME-2.8/NOPB Datasheet HTML 3Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 4Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 5Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 6Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 7Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 8Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 9Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 10Page - Texas Instruments LP5904TME-2.8/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
VIN
VOUT
10 mV/
DIV
1V/DIV
40 Ps/DIV
SVA-30110412
SVA-30110445
VOUT
SVA-30110444
SVA-30110443
0
20 40 60 80 100 120 140 160 180 200
2.740
2.760
2.780
2.800
2.820
2.840
IOUT(mA) OVER TEMPERATURE
-40°C
25°C
85°C
100°C
SVA-30110442
LP5904
www.ti.com
SNVS637G – MARCH 2011 – REVISED APRIL 2013
TYPICAL CHARACTERISTICS (continued)
Unless otherwise noted, VOUT = 2.8V, VIN = 3.8V, EN = 1.2V, CIN = 1.0 µF, COUT = 1.0 µF, TA = 25°C.
VOUT
vs
IOUT
Startup, No Load
Figure 8.
Figure 9.
Startup, Load = 28
Ω
Startup, Load = 14
Ω
Figure 10.
Figure 11.
Load Transient,
Line Transient
Load = 1mA to 200mA, VOUT = 2.8V
Load = 1mA, VOUT = 2.8 at VIN Rising Edge
Figure 12.
Figure 13.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP5904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com