Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7315-30X-O-AC-R Datasheet(PDF) 3 Page - Edgecore Networks Corporation

Part # 7315-30X-O-AC-R
Description  AS7315-30X
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

7315-30X-O-AC-R Datasheet(HTML) 3 Page - Edgecore Networks Corporation

  7315-30X-O-AC-R Datasheet HTML 1Page - Edgecore Networks Corporation 7315-30X-O-AC-R Datasheet HTML 2Page - Edgecore Networks Corporation 7315-30X-O-AC-R Datasheet HTML 3Page - Edgecore Networks Corporation 7315-30X-O-AC-R Datasheet HTML 4Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Environmental
■ Usage altitude 60 m below sea level (106 kPa air pressure) to
3000 m (70 kPa)
■ Storage:
IEC60068-2-14
Temperature: -40°C to 70°C (-40°F to 158°F)
■ Transportation:
ETSI EN 300 019-1-2 Class 2.3
Temperature: -40°C to +70°C (-40°F to +158°F)
■ Operating Conditions:
[ETSI EN 300 019-1-3] Class 3.2
Temperature range: -40°C to +65°C (-40°F to 149°F)
Relative humidity: 5% to 95%
■ The product complies with the current version of the following
EU directives:
RoHS
WEEE
REACH
Warranty
Please check www.edge-core.com for the warranty terms in your
country.
For More Information
To find out more about Edgecore Networks Corporation products
and solutions, visit www.edge-core.com.
About Edgecore Networks Corporation
Edgecore Networks Corporation is in the business of providing
innovative network solutions. In the service provider network, in the
data center or in the cloud, Edgecore Networks Corporation delivers
the soſtware and systems that transform the way the world
connects. Edgecore Networks Corporation serves customers and
partners worldwide. Additional information can be found at
www.edge-core.com.
Edgecore Networks Corporation is a subsidiary of Accton
Technology Corporation, the leading network ODM company. The
Edgecore data center switches are developed and manufactured by
Accton.
To purchase Edgecore Networks solutions, please contact your
Edgecore Networks Corporation representatives at +886 3 563 8888
(HQ) or +1 (949)-336-6801 or authorized resellers.
© Copyright 2023 Edgecore Networks Corporation. The information
contained herein is subject to change without notice. This document
is for informational purposes only and does not set forth any
warranty, expressed or implied, concerning any equipment,
equipment feature, or service offered by Edgecore Networks
Corporation. Edgecore Networks Corporation shall not be liable for
technical or editorial errors or omissions contained herein.
Ports
■ Switch Ports
4 x 1G RJ45
16 x SFP+ (each supporting 10 GbE or 1 GbE)
8 x SFP28 (each supporting 1GbE, 10 GbE or 25 GbE)
2 x 100G QSFP28 (each supporting 1 x 40/100 GbE or 4 x 10/25
GbE or 2 x 50 GbE)
■ Management Ports on Front Panel
1 x RJ-45 serial console
1 x RJ-45 1000BASE-T management Ethernet port (MGMT)
1 x USB (storage)
■ Clocking and Timing ports
Pulse-per-Second (PPS) input and output
Time-of-Day (TOD) input
Key Components
■ Switch Silicon: Broadcom BCM88470 Qumran-AX
■ CPU module:
Processor: Intel® Atom C3508 4-Core
Memory: 16G RAM DDR4-2400
■ Stratum 3E compliant oscillator (OCXO)
■ SSD M.2, 32 Gbytes
Performance
■ 300 Gbps bidirectional switching capacity
■ 300 Mpps packet processing rate
Physical and Environmental
■ Dimensions (WxDxH): 440 x 300 x 44 mm (17.32 x 11.81 x 1.73 in)
■ Weight 5.35 kg (11.79 lb), with two installed PSUs
■ Installations to standard 19”, 21”, 23”, and ETSI 600 mm racks
or cabinets as well as OCP 21 inch open racks
PSU
■ DC Input: 36V -72V, 10 A
■ AC Input: 100V-240V, 5 A
■ Power Capacity: 223 W( Maximum)
Soſtware
■ Switch is loaded with Open Network Install Environment (ONIE)
■ Compatible with the following NOS options: Open Network
Linux (ONL)
Regulatory Compliance
■ Safety Compatibility
EN/IEC 62368-1
■ Electromagnetic Compatibility
EN 300 386 V1.6.1
Installation environment: telecommunication center
ITU-T K.80
FCC 47 CFR Part 15, Subpart B, Class A
EN 301 489-1 V2.1.1
EN 301 489-19 V2.1.0
EN 303 413 V1.1.1
Radio Equipment Directive 2014/53/EU



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com