Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7315-30X-O-AC-R Datasheet(PDF) 1 Page - Edgecore Networks Corporation

Part # 7315-30X-O-AC-R
Description  AS7315-30X
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

7315-30X-O-AC-R Datasheet(HTML) 1 Page - Edgecore Networks Corporation

  7315-30X-O-AC-R Datasheet HTML 1Page - Edgecore Networks Corporation 7315-30X-O-AC-R Datasheet HTML 2Page - Edgecore Networks Corporation 7315-30X-O-AC-R Datasheet HTML 3Page - Edgecore Networks Corporation 7315-30X-O-AC-R Datasheet HTML 4Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CELL SITE ROUTER
AS7315-30X
CSR300
Cell Site Router
The Edgecore CSR300 is an open cell site gateway platform that features a combination of 1/10 Gbps, 25 Gbps, and
100 Gbps interfaces with optimized performance by utilizing merchant silicon, and standard x86 processor for access
and aggregation networks.
With temperature hardened design, the CSR300 is able to operate at wide operational temperature range from -40℃
to 65℃ and it equipped with load-sharing redundant/hot swappable PSUs and fan modules that provides high
availability and hassle-free maintenance.
The CSR300 builds in industry-leading network timing and synchronization functions that makes it an ideal solution
for current LTE and emerging 5G mobile backhaul network. The CSR300 is installed with ONIE (Open Network Install
Environment) that provides the freedom of choice for the preferred NOS (Network Operating System) integration.
Key Features and Benefits
■ Open cell site gateway platform for mobile backhaul networks.
■ 4 x 1G RJ45, 16 x 1G/10G SFP+, 8 x 1G/10G/25G SFP28 and 2 x 100G QSFP28 fixed ports.
■ Full line-rate Layer 2 or Layer 3 forwarding speed of 300 Gbps.
■ Support IEEE1588v2 and SyncE functions in hardware.
■ Rack mountable in standard 19" racks.
■ Supports side-to-side airflow SKU.
■ All ports and PSUs are accessible at the front.
■ Load-sharing redundant/hot swappable PSU.
■ Hot swappable redundant fan modules.
■ Management: Ethernet and console RJ-45 ports; USB storage port.
■ Hardware switch pre-loaded with Open Network Install Environment (ONIE).
■ Compatible with Open Network Linux (ONL).


Similar Part No. - 7315-30X-O-AC-R

ManufacturerPart #DatasheetDescription
logo
Edgecore Networks Corpo...
7315-27X-O-48X-S EDGE-CORE-7315-27X-O-48X-S Datasheet
2Mb / 4P
AS7315-27X
7315-27X-O-AC-S-EU EDGE-CORE-7315-27X-O-AC-S-EU Datasheet
2Mb / 4P
AS7315-27X
7315-27X-O-AC-S-JP EDGE-CORE-7315-27X-O-AC-S-JP Datasheet
2Mb / 4P
AS7315-27X
7315-27X-O-AC-S-UK EDGE-CORE-7315-27X-O-AC-S-UK Datasheet
2Mb / 4P
AS7315-27X
7315-27X-O-AC-S-US EDGE-CORE-7315-27X-O-AC-S-US Datasheet
2Mb / 4P
AS7315-27X
More results

Similar Description - 7315-30X-O-AC-R

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BPT-30X DBLECTRO-BPT-30X Datasheet
83Kb / 1P
BPT-30X
logo
FERYSTER Inductive Comp...
ETD-29-7243-H-BOX FERYSTER-ETD-29-7243-H-BOX Datasheet
146Kb / 1P
PA 6 - Durethan BG 30X, grey- Class B
logo
List of Unclassifed Man...
BU-30X ETC2-BU-30X Datasheet
188Kb / 1P
The BU-30X Clip is intended for applications where plated carbon steel or solid copper clips are not effective
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com