Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF25 100R. Datasheet(PDF) 2 Page - Multicomp Pro

Part # MF25 100R.
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF25 100R. Datasheet(HTML) 2 Page - Multicomp Pro

  MF25 100R. Datasheet HTML 1Page - Multicomp Pro MF25 100R. Datasheet HTML 2Page - Multicomp Pro MF25 100R. Datasheet HTML 3Page - Multicomp Pro MF25 100R. Datasheet HTML 4Page - Multicomp Pro MF25 100R. Datasheet HTML 5Page - Multicomp Pro MF25 100R. Datasheet HTML 6Page - Multicomp Pro MF25 100R. Datasheet HTML 7Page - Multicomp Pro MF25 100R. Datasheet HTML 8Page - Multicomp Pro MF25 100R. Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Page <2>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Style
Power
Rating at
+70°C
Dimension (mm)
D Max.
LMax.
H ±3
d ±0.05
PT
MF12
1/8W
(125mW)
1.85
3.5
28
0.45
52
MF25
1/4W
(250mW)
2.5
6.8
0.54*
MF50
1/2W
(500mW)
3.5
10
0.54
Note:
*Lead diameter of MCMF0W4 series can be provided in 0.5mm, 0.54mm and 0.6mm.
Specification Table
Derating Curve
Derating Curve
Style
Dielectric
Withstanding
Voltage (V)
Max.
Working
Voltage (V)
Max.
Overload
Voltage (V)
Resistance
Tolerance
Temperature
Coefficient
Resistance
Range
MF12
400
200
400
±1%
±50ppm / °C
1Ω to 1MΩ
MF25
500
250
500
MF50
700
350
700
Dimensions : Millimetres



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com