Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF25 100R. Datasheet(PDF) 6 Page - Multicomp Pro

Part # MF25 100R.
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF25 100R. Datasheet(HTML) 6 Page - Multicomp Pro

Back Button MF25 100R. Datasheet HTML 2Page - Multicomp Pro MF25 100R. Datasheet HTML 3Page - Multicomp Pro MF25 100R. Datasheet HTML 4Page - Multicomp Pro MF25 100R. Datasheet HTML 5Page - Multicomp Pro MF25 100R. Datasheet HTML 6Page - Multicomp Pro MF25 100R. Datasheet HTML 7Page - Multicomp Pro MF25 100R. Datasheet HTML 8Page - Multicomp Pro MF25 100R. Datasheet HTML 9Page - Multicomp Pro MF25 100R. Datasheet HTML 10Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Page <6>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 332R, 250mW 0.5% 50PPM MCMF0W4DF3320A50
Resistor, 3K32, 250mW 0.5% 50PPM MCMF0W4DF3321A50
Resistor, 33K2, 250mW 0.5% 50PPM MCMF0W4DF3322A50
Resistor, 332K, 250mW 0.5% 50PPM MCMF0W4DF3323A50
Resistor, 33R2, 250mW 0.5% 50PPM MCMF0W4DF332JA50
Resistor, 348R, 250mW 0.5% 50PPM MCMF0W4DF3480A50
Resistor, 3K48, 250mW 0.5% 50PPM MCMF0W4DF3481A50
Resistor, 34K8, 250mW 0.5% 50PPM MCMF0W4DF3482A50
Resistor, 348K, 250mW 0.5% 50PPM MCMF0W4DF3483A50
Resistor, 34R8, 250mW 0.5% 50PPM MCMF0W4DF348JA50
Resistor, 365R, 250mW 0.5% 50PPM MCMF0W4DF3650A50
Resistor, 3K65, 250mW 0.5% 50PPM MCMF0W4DF3651A50
Resistor, 36K5, 250mW 0.5% 50PPM MCMF0W4DF3652A50
Resistor, 36R5, 250mW 0.5% 50PPM MCMF0W4DF365JA50
Resistor, 383R, 250mW 0.5% 50PPM MCMF0W4DF3830A50
Resistor, 3K83, 250mW 0.5% 50PPM MCMF0W4DF3831A50
Resistor, 38K3, 250mW 0.5% 50PPM MCMF0W4DF3832A50
Resistor, 38R3, 250mW 0.5% 50PPM MCMF0W4DF383JA50
Resistor, 402R, 250mW 0.5% 50PPM MCMF0W4DF4020A50
Resistor, 4K02, 250mW 0.5% 50PPM MCMF0W4DF4021A50
Resistor, 40K2, 250mW 0.5% 50PPM MCMF0W4DF4022A50
Resistor, 40R2, 250mW 0.5% 50PPM MCMF0W4DF402JA50
Resistor, 422R, 250mW 0.5% 50PPM MCMF0W4DF4220A50
Resistor, 42K2, 250mW 0.5% 50PPM MCMF0W4DF4222A50
Resistor, 42R2, 250mW 0.5% 50PPM MCMF0W4DF422JA50
Resistor, 442R, 250mW 0.5% 50PPM MCMF0W4DF4420A50
Resistor, 4K42, 250mW 0.5% 50PPM MCMF0W4DF4421A50
Resistor, 44K2, 250mW 0.5% 50PPM MCMF0W4DF4422A50
Resistor, 44R2, 250mW 0.5% 50PPM MCMF0W4DF442JA50
Resistor, 464R, 250mW 0.5% 50PPM MCMF0W4DF4640A50
Resistor, 4K64, 250mW 0.5% 50PPM MCMF0W4DF4641A50
Resistor, 46K4, 250mW 0.5% 50PPM MCMF0W4DF4642A50
Resistor, 46R4, 250mW 0.5% 50PPM MCMF0W4DF464JA50
Resistor, 487R, 250mW 0.5% 50PPM MCMF0W4DF4870A50
Resistor, 4K87, 250mW 0.5% 50PPM MCMF0W4DF4871A50
Resistor, 48K7, 250mW 0.5% 50PPM MCMF0W4DF4872A50
Resistor, 48R7, 250mW 0.5% 50PPM MCMF0W4DF487JA50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com