Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

77XX-32X-SVC-RTF Datasheet(PDF) 1 Page - Edgecore Networks Corporation

Part # 77XX-32X-SVC-RTF
Description  AS7712-32X
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

77XX-32X-SVC-RTF Datasheet(HTML) 1 Page - Edgecore Networks Corporation

  77XX-32X-SVC-RTF Datasheet HTML 1Page - Edgecore Networks Corporation 77XX-32X-SVC-RTF Datasheet HTML 2Page - Edgecore Networks Corporation 77XX-32X-SVC-RTF Datasheet HTML 3Page - Edgecore Networks Corporation 77XX-32X-SVC-RTF Datasheet HTML 4Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA CENTER SWITCH
AS7712-32X
DCS501
Data Center Switch
The Edgecore DCS501 switch is a Top-of-Rack (TOR) or spine switch for high-performance data centers. In a
compact 1RU form factor, the switch provides line-rate L2 and L3 switching across the 32 x QSFP28 ports,
supporting up to 32 x 40/100 GbE, 64 x 50 GbE, or 128 x 10/25 GbE connections. The DCS501 can be deployed as a
TOR switch supporting 10/25/50 GbE to servers with 40/50/100 GbE uplinks, or as a spine switch supporting
40/50/100 GbE spine interconnects. This open network switch is loaded with the Open Network Install
Environment (ONIE), which supports the installation of compatible Network Operating System soſtware, including
the open source options, plus commercial NOS offerings.
Key Features and Benefits
■ Deploy as Top-of-Rack switch supporting 10 or 25 GbE to servers, with 40, or 50, or 100 GbE uplinks.
■ Deploy as spine switch supporting 40, 50, or 100 GbE ToR and spine interconnects.
■ 32 x QSFP28 switch ports, each supporting 1 x 100 GbE or 1 x 40 GbE, or via breakout cables, 2 x 50 GbE or
4 x 25 GbE or 4 x 10 GbE.
■ Layer 2 or Layer 3 forwarding at 3.2 Tbps.
■ Supports hot/cold aisle with front-to-back and back-to-front airflow SKUs.
■ All ports on front; PSUs and fans accessible from rear.
■ Hot-swappable, load-sharing, redundant AC or -48V DC or 12V DC PSUs.
■ 5+1 redundant, hot-swappable fan modules.
■ Energy efficient.
■ Hardware switch pre-loaded with Open Network Install Environment (ONIE) for automated loading of
compatible open source and commerical NOS offerings.


Similar Description - 77XX-32X-SVC-RTF

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KLM-8 COOPER-KLM-8 Datasheet
391Kb / 2P
13/32x 1-1/2 600Vac/dc Fast-acting supplemental fuses
logo
PHOENIX CONTACT
1239828 PHOENIX-1239828 Datasheet
520Kb / 12P
SACC-CI-M12MSD- 4CON-SH TOR 32X - Contact carrier
1239843 PHOENIX-1239843 Datasheet
627Kb / 15P
SACC-CI-M12FS-8CON-SH TOR 32X - Contact carrier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com