Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8883T/1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8883T/1
Description  Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883T/1 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8883T/1 Datasheet HTML 1Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 2Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 3Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 4Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 5Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 6Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 7Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 8Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
PCF8883
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4.1 — 14 September 2016
5 of 35
NXP Semiconductors
PCF8883
Capacitive touch/proximity switch with auto-calibration
7.2 Pin description
[1]
The substrate (rear side of the die) is connected to VSS and should be electrically isolated.
[2]
The internal regulated supply voltage output must be decoupled with a decoupling capacitor to VSS.
Table 4.
Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Type
Description
PCF8883T
PCF8883US
IN
1
1
analog input/output sensor input
TYPE
2
2
input
pin OUT behavior
configuration input
CPC
3
3
analog input/output sensitivity setting
VSS[1]
4
4
supply
ground supply voltage
VDD
5
5
supply
supply voltage
OUT
6
6
output
switch output
CLIN
7
7
analog input/output sampling rate setting
VDD(INTREGD)[2] 8
8
supply
internal regulated supply
voltage output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com