Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8883T/1 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8883T/1
Description  Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883T/1 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8883T/1 Datasheet HTML 7Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 8Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 9Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 10Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 11Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 12Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 13Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 14Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
PCF8883
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4.1 — 14 September 2016
11 of 35
NXP Semiconductors
PCF8883
Capacitive touch/proximity switch with auto-calibration
11. Static characteristics
[1]
Alternatively an external discharge resistor RC can be used (see Section 14).
[2]
Tested on sample basis.
[3]
Idle state is the steady state after completed power-on without any activity on the sensor plate and the voltage on the reservoir capacitor
CCPC settled.
[4]
For reliability reasons, the average output current must be limited to 4.6 mA at 70
C and 3.0 mA at 85 C.
[5]
External ceramic chip capacitor recommended (see Figure 16).
Table 6.
Static characteristics
VDD = 5 V, Tamb = +25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ Max
Unit
VDD
supply voltage
10 pF
 C
i  40 pF;
40 C  T
amb  +85 C
[1] 3.0
-
9.0
V
10 pF
 C
i  35 pF;
20 C  T
amb  +85 C
[2] 2.8
-
9.0
V
VDD(INTREGD)
internal regulated supply voltage
3.0
4.0
4.6
V
V
DD(INTREGD)
internal regulated supply voltage
variation
regulator voltage drop
-
10
50
mV
IDD
supply current
idle state; fs = 1 kHz
[3]
VDD =5.0 V
-
3
5
A
VDD =3.0 V
-
2.2
3.5
A
Isink
sink current
internal constant current to VSS
-
150 -
nA
VO
output voltage
on pin OUT; pull-up voltage
0
VDD 9.0
V
IO
output current
P-MOS
[4] 010
20
mA
short circuit protection
VO  0.6 V
20
30
50
mA
Vsat
saturation voltage
on pin OUT; IO = +10 mA
VDD = 5.0 V
0.1
0.2
0.4
V
VDD = 3.0 V
0.1
0.3
0.5
V
Cdec
decoupling capacitance
on pin VDD(INTREGD)
[5] 100 -
220
nF
VI(CPC)
input voltage on pin CPC
0.6
-
VDD(INTREGD)  0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com