Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FOD260LS Datasheet(PDF) 10 Page - ON Semiconductor

Part # FOD260LS
Description  3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD260LS Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FOD260LS Datasheet HTML 6Page - ON Semiconductor FOD260LS Datasheet HTML 7Page - ON Semiconductor FOD260LS Datasheet HTML 8Page - ON Semiconductor FOD260LS Datasheet HTML 9Page - ON Semiconductor FOD260LS Datasheet HTML 10Page - ON Semiconductor FOD260LS Datasheet HTML 11Page - ON Semiconductor FOD260LS Datasheet HTML 12Page - ON Semiconductor FOD260LS Datasheet HTML 13Page - ON Semiconductor FOD260LS Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD060L, FOD260L Rev. 1.0.5
9
Ordering Information
Marking Information
Small Outline
Part Number
Package
Packing Method
FOD060L
Small outline 8-pin
Tube (50 units per tube)
FOD060LR2
Small outline 8-pin
Tape and Reel (2.500 units per reel)
FOD260L
DIP 8-Pin
Tube (50 units per tube)
FOD260LS
SMT 8-Pin (Lead Bend)
Tube (50 units per tube)
FOD260LSD
SMT 8-Pin (Lead Bend)
Tape and Reel (1,000 units per reel)
FOD260LV
DIP 8-Pin, DIN EN/IEC 60747-5-2 option
Tube (50 units per tube)
FOD260LSV
SMT 8-Pin (Lead Bend), DIN EN/IEC 60747-5-2 option
Tube (50 units per tube)
FOD260LSDV
SMT 8-Pin (Lead Bend), DIN EN/IEC 60747-5-2 option
Tape and Reel (1,000 units per reel)
FOD260LTV
DIP 8-Pin, 0.4” Lead Spacing, DIN EN/IEC 60747-5-2 option
Tube (50 units per tube)
FOD260LTSV
SMT 8-Pin, 0.4” Lead Spacing, DIN EN/IEC 60747-5-2 option
Tube (50 units per tube)
FOD260LTSR2
SMT 8-Pin, 0.4” Lead Spacing
Tape and Reel (700 units per reel)
FOD260LTSR2V SMT 8-Pin, 0.4” Lead Spacing, DIN EN/IEC 60747-5-2 option
Tape and Reel (700 units per reel)
1
2
5
3
4
Definitions
1
Fairchild logo
2
Device number
3
One digit year code, e.g., ‘8’
4
Two digit work week ranging from ‘01’ to ‘53’
5
Assembly package code
060L
S1
YY
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com