Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FOD260LS Datasheet(PDF) 12 Page - ON Semiconductor

Part # FOD260LS
Description  3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD260LS Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FOD260LS Datasheet HTML 8Page - ON Semiconductor FOD260LS Datasheet HTML 9Page - ON Semiconductor FOD260LS Datasheet HTML 10Page - ON Semiconductor FOD260LS Datasheet HTML 11Page - ON Semiconductor FOD260LS Datasheet HTML 12Page - ON Semiconductor FOD260LS Datasheet HTML 13Page - ON Semiconductor FOD260LS Datasheet HTML 14Page - ON Semiconductor FOD260LS Datasheet HTML 15Page - ON Semiconductor FOD260LS Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD060L, FOD260L Rev. 1.0.5
1
1
Carrier Tape Specification
Small Outline
Note:
All dimensions are in millimeters.
4.0
± 0.10
Ø1.5 MIN
User Direction of Feed
2.0
± 0.05
1.75
± 0.10
5.5
± 0.05
12.0
± 0.3
8.0
± 0.10
0.30 MAX
8.3
± 0.10
3.50
± 0.20
0.1 MAX
6.40
± 0.20
5.20
± 0.20
Ø1.5
± 0.1/-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com