Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9570DP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9570DP
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570DP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9570DP Datasheet HTML 13Page - NXP Semiconductors PCA9570DP Datasheet HTML 14Page - NXP Semiconductors PCA9570DP Datasheet HTML 15Page - NXP Semiconductors PCA9570DP Datasheet HTML 16Page - NXP Semiconductors PCA9570DP Datasheet HTML 17Page - NXP Semiconductors PCA9570DP Datasheet HTML 18Page - NXP Semiconductors PCA9570DP Datasheet HTML 19Page - NXP Semiconductors PCA9570DP Datasheet HTML 20Page - NXP Semiconductors PCA9570DP Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
PCA9570
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 17 September 2014
17 of 32
NXP Semiconductors
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
14. Power-on reset requirements
In the event of a glitch or data corruption, the device can be reset to its default conditions
by using the power-on reset feature. Power-on reset requires that the device go through a
power cycle to be completely reset. This reset also happens when the device is
powered on for the first time in an application.
[1]
Level that VDD can glitch down to with a ramp rate of 0.4 s/V, but not cause a functional disruption when tgw(VDD) =1 s.
[2]
Glitch width that does not cause a functional disruption when VDD = 1.8 V to 3.6 V, VDD(gl) =0.5  VDD;
VDD = 1.1 V to 1.8 V, VDD(gl) =VDD  0.9 V.
Glitches in the power supply can also affect the power-on reset performance of this
device. The glitch width (tw(gl)VDD) and glitch height (VDD(gl)) are dependent on each
other. The bypass capacitance, source impedance, and device impedance are factors that
affect power-on reset performance. Figure 22 and Table 8 provide more information on
how to measure these specifications.
Fig 21. VDD is lowered below 0.6 V and then ramped up to VDD
002aah307
VDD
time
ramp-up
ramp-down
(dV/dt)r
(dV/dt)f
re-ramp-up
(dV/dt)r
time to re-ramp
when VDD drops to VSS
td(rst)
Table 8.
Recommended supply sequencing and ramp rates
Tamb =25 C (unless otherwise noted). Not tested; specified by design.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
(dV/dt)f
fall rate of change of voltage
Figure 21
0.1
-
2000
ms
(dV/dt)r
rise rate of change of voltage
Figure 21
0.1
-
2000
ms
td(rst)
reset delay time
Figure 21; when VDD drops to VSS
1-
-
s
V
DD(gl)
glitch supply voltage difference
Figure 22
[1]
VDD = 2.1 V to 3.6 V
-
-
1.2
V
VDD = 1.1 V to 2.1 V
-
-
VDD  0.9
V
tw(gl)VDD
supply voltage glitch pulse width
Figure 22
[2] --
10
s
VPOR(trip)
power-on reset trip voltage
rising VDD
-0.7
1.0
V
Fig 22. Glitch width and glitch height
002aah309
VDD
time
tw(gl)VDD
∆VDD(gl)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com