Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9570DP Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA9570DP
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570DP Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA9570DP Datasheet HTML 15Page - NXP Semiconductors PCA9570DP Datasheet HTML 16Page - NXP Semiconductors PCA9570DP Datasheet HTML 17Page - NXP Semiconductors PCA9570DP Datasheet HTML 18Page - NXP Semiconductors PCA9570DP Datasheet HTML 19Page - NXP Semiconductors PCA9570DP Datasheet HTML 20Page - NXP Semiconductors PCA9570DP Datasheet HTML 21Page - NXP Semiconductors PCA9570DP Datasheet HTML 22Page - NXP Semiconductors PCA9570DP Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
PCA9570
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 17 September 2014
19 of 32
NXP Semiconductors
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
15. Parameter measurement information
a. SDA load configuration
b. Transaction format
c. Voltage waveforms
CL includes probe and jig capacitance.
All inputs are supplied by generators having the following characteristics: PRR
 10 MHz; Z
o =50 ; tr/tf  30 ns.
All parameters and waveforms are not applicable to all devices.
Byte 1 = I2C-bus address; Byte 2, byte 3 = P port data.
(1) See Figure 13.
Fig 24. I2C-bus interface load circuit and voltage waveforms
002aag803
DUT
CL = 50 pF
RL = 1 kΩ
SDA
VDD
STOP
condition
(P)
Data
Bit 0
(LSB)
Data
Bit 7
(MSB)
ACK
(A)
R/W
Bit 0
(LSB)
Address
Bit 1
Address
Bit 7
(MSB)
START
condition
(S)
STOP
condition
(P)
two bytes for read Input port register(1)
002aag952
tLOW
tHIGH
tr
tf
0.7 × VDD
0.3 × VDD
0.7 × VDD
0.3 × VDD
tSP
tBUF
tf
tHD;STA
tr
SCL
SDA
tSU;DAT
tHD;DAT
tf(o)
tVD;ACK
tVD;DAT
tVD;ACK
tSU;STA
tSU;STO
002aag804
repeat START condition
STOP condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com