| Electronic Components Datasheet Search |
|
THS7347IPHPR.B Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS7347IPHPR.B Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 35 page ![]() THS7347 www.ti.com SLOS531B – MAY 2007 – REVISED OCTOBER 2011 READING FROM THE THS7347 The read operation consists of two phases. The first phase is the address phase. In this phase, an I2C master initiates a write operation to the THS7347 by generating a start condition (S) followed by the THS7347 I2C address, in MSB-first order, followed by a '0' to indicate a write cycle. After receiving an acknowledge from the THS7347, the master presents the subaddress (channel) of the register it wants to read. After the cycle is acknowledged (A), the master terminates the cycle immediately by generating a stop condition (P). The second phase is the data phase. In this phase, an I2C master initiates a read operation to the THS7347 by generating a start condition followed by the THS7347 I2C address, in MSB-first order, followed by a '1' to indicate a read cycle. After an acknowledge from the THS7347, the I2C master receives one byte of data from the THS7347. After the data byte has been transferred from the THS7347 to the master, the master generates a not-acknowledge (A) followed by a stop. As with the Write function, to read all channels, steps 1 through 11 must be repeated for each channel desired. THS7347 Read Phase 1: Step 1 0 I2C Start (Master) S Step 2 7 6 5 4 3 2 1 0 I2C General Address (Master) 0 1 0 1 1 X X 0 Where each X logic state is defined by I2C-A1 and I2C-A0 pins being tied to either VDD or GND. Step 3 9 I2C Acknowledge (Slave) A Step 4 7 6 5 4 3 2 1 0 I2C Read Channel Address (Master) 0 0 0 0 0 Addr Addr Addr Where Addr is determined by the values shown in Table 2. Step 5 9 I2C Acknowledge (Slave) A Step 6 0 I2C Start (Master) P Copyright © 2007–2011, Texas Instruments Incorporated 23 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |