Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS7347IPHPR.B Datasheet(PDF) 12 Page - Texas Instruments

Part # THS7347IPHPR.B
Description  3-Channel RGBHV Video Buffer with I2C™ Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7347IPHPR.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS7347IPHPR.B Datasheet HTML 8Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 9Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 10Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 11Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 12Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 13Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 14Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 15Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
THS7347
SLOS531B
– MAY 2007 – REVISED OCTOBER 2011
www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
H-SYNC, INPUT B
10
I
Horizontal Sync, Input B
V-SYNC, INPUT B
11
I
Vertical Sync, Input B
I2C Slave Address Control Bit A1. Connect to VDD for a logic 1 preset value or GND for a logic 0 preset
17
I
I2C, A1
value.
I2C Slave Address Control Bit A0. Connect to VDD for a logic 1 preset value or GND for a logic 0 preset
18
I
I2C, A0
value.
Serial data line of the I2C bus. Pull-up resistor should have a minimum value = 2 k
Ω and a maximum value
SDA
19
I/O
= 19 k
Ω. Pull up to VDD.
I2C bus clock line. Pull-up resistor should have a minimum value = 2 k
Ω and a maximum value = 19 -kΩ.
SCL
20
I
Pull up to VDD.
Power-Up Condition. Connect to GND for all channels disabled upon power-up. Connect to VDD (logic
PUC
21
I
high) to set buffer outputs to OFF and monitor outputs ON with ac-bias configuration on Channels 1 to 3
and both H-Sync/V-Sync enabled.
Sets the MUX configuration control. Connect to logic low for MUX Select (pin 16) control of the MUX.
MUX MODE
15
I
Connect to logic high for I2C control of the MUX.
Controls the MUX selection when MUX MODE (pin 15) is set to logic low. Connect to logic low for MUX
MUX SELECT
16
I
selector set to Input A. Connect to logic high for MUX selector set to Input B.
Output Channel 1 from either CH. 1, INPUT A or CH. 1, INPUT B. Connect to ADC/Scalar/Decoder. Both
CH. 1, BUFFER OUTPUT
35, 36
O
pins should be connected together on the PCB.
Output Channel 2 from either CH. 2, INPUT A or CH. 2, INPUT B. Connect to ADC/Scalar/Decoder. Both
CH. 2, BUFFER OUTPUT
31, 32
O
pins should be connected together on the PCB.
Output Channel 3 from either CH. 3, INPUT A or CH. 3, INPUT B. Connect to ADC/Scalar/Decoder. Both
CH. 3, BUFFER OUTPUT
27, 28
O
pins should be connected together on the PCB.
H-SYNC BUFFER
25
O
Horizontal Sync Buffer Output. Connect to ADC/Scalar H-sync input.
OUTPUT
V-SYNC BUFFER
24
O
Vertical Sync Buffer Output. Connect to ADC/Scalar V-sync input.
OUTPUT
Video Monitor Pass-Through Output Channel 1 SAG Correction pin. If SAG is not used, connect Directly to
CH. 1, SAG
45
O
CH. 1, OUTPUT pin 46.
CH. 1, MONITOR
46
O
Video Monitor Pass-Through Output Channel 1 from either CH. 1, INPUT A or CH. 1, INPUT B.
OUTPUT
Video Monitor Pass-Through Output Channel 2 SAG Correction pin. If SAG is not used, connect Directly to
CH. 2, SAG
43
O
CH. 2, OUTPUT pin 44.
CH. 2, MONITOR
44
O
Video Monitor Pass-Through Output Channel 2 from either CH. 2, INPUT A or CH. 2, INPUT B.
OUTPUT
Video Monitor Pass-Through Output Channel 3 SAG Correction pin. If SAG is not used, connect Directly to
CH. 3, SAG
41
O
CH. 3, OUTPUT pin 42.
CH. 3, MONITOR
42
O
Video Monitor Pass-Through Output Channel 3 from either CH. 3, INPUT A or CH. 3, INPUT B.
OUTPUT
H-SYNC MONITOR
40
O
Horizontal Sync Monitor Pass-Through Output.
OUTPUT
V-SYNC MONITOR
39
O
Vertical Sync Monitor Pass-Through Output.
OUTPUT
6, 12, 13, 26,
Ground Reference pin for analog signals. Internally, these pins connect to DGND, although it is
AGND
I
30, 34, 37, 47
recommended to have the AGND and DGND connected to the proper signals for best results.
+VA
29, 33, 38, 48
I
Analog Positive Power Supply Input pins. Connect to 2.7 V to 5 V. Must be equal to or greater than VDD.
VDD
22
I
Digital Positive Supply pin for I2C circuitry and H-Sync/V-Sync outputs. Connect to 2.7 V to 5 V.
DGND
23
I
Digital GND pin for HV circuitry and I2C circuitry.
Defaults to 1.45 V (TTL compatible). Connect to external voltage reference to adjust H-Sync/V-Sync input
Schmitt Trigger Adjust
14
I
thresholds from 0.9 V to 2 V range.
12
Copyright
© 2007–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com