Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2104FRAANZ-T Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HIP2104FRAANZ-T
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104FRAANZ-T Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HIP2104FRAANZ-T Datasheet HTML 3Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 4Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 5Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 6Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 7Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 8Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 9Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 10Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
HIP2103, HIP2104
2. Pin Information
FN8276 Rev.2.0
Page 7 of 30
Feb 25, 2021
2.
Pin Information
2.1
Pin
Assignments
2.2
Pin Descriptions
HIP2103
(8 Ld 3x3 TDFN)
Top View
HIP2104
(12 Ld 4x4 DFN)
Top View
(8 Ld SOIC)
Top View
HIP2103
HIP2104
Symbol
Description
8 Ld
TDFN
8 Ld
SOIC
12 Ld
DFN
-
-
1
VDen
HIP2104 only. Enable input for the VDD linear regulator, 3.3V or 5V logic compatible, VBAT tolerant.
VDD output is turned on after 1ms debouncing period.
-
-
2
VCen
HIP2104 only. Enable input for the VCC linear regulator, 3.3V or 5V logic compatible, VBAT tolerant.
VCC output is turned on after 1ms debouncing period.
-
-
3
VCC
HIP2104 only. 3.3V/75mA output voltage of linear regulator. Enabled by VCen.
1
1
4
VDD
HIP2103: Driver supply voltage, 4.5V to 14V.
HIP2104: 12V/75mA output voltage of linear regulator and driver supply voltage. Enabled by VDen.
2
2
5
HI
High side input, 3.3V or 5V logic compatible. Internal 100kΩ pull-down resistor on the HI pin pulls HI to
logic 0 when floating.
3
3
6
LI
Low side input, 3.3V or 5V logic compatible. Internal 100kΩ pull-down resistor on the LI pin pulls LI to
logic 0 when floating.
4
4
7
VSS
Signal ground.
5
5
8
LO
Low-side driver output. Connect to the lower NFET gate.
6
6
9
HS
High-side NFET source connection. Connect the bootstrap capacitor from HB to this pin.
7
7
10
HO
High-side driver output. Connect to the upper NFET gate.
8
8
11
HB
High-side Boot capacitor. Connect bootstrap capacitor from HS to this pin.
-
-
12
VBAT
(HIP2104 only) positive battery (bridge voltage) connection.
EP
-
EP
EPAD
Exposed pad. Connect EPAD to VSS. Renesas recommends connecting the EPAD to a low thermal
impedance on the PCB for optimum thermal performance.
EPAD
(VSS)
1
2
3
4
8
7
6
5
VDD
HI
LI
VSS
HB
HO
HS
LO
EPAD
(VSS)
1
2
3
4
12
11
10
9
8
VDen
VCen
VCC
VDD
HI
VBAT
HB
HO
HS
LO
6
5
LI
7
VSS
VDD
HI
VSS
LI
HB
HO
HS
LO
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com