Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2104FRAANZ-T Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP2104FRAANZ-T
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104FRAANZ-T Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP2104FRAANZ-T Datasheet HTML 6Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 7Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 8Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 9Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 10Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 11Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 12Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 13Page - Renesas Technology Corp HIP2104FRAANZ-T Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
HIP2103, HIP2104
3. Specifications
FN8276 Rev.2.0
Page 10 of 30
Feb 25, 2021
VDD Sleep Mode Current (HIP2103)
IDDS HI = LI = 1, after 10 to 30µs delay
9.4
20
µA
VBAT Shutdown Current (HIP2104)
IDDSbatt VCen = VDen = 0, after 10 to 30µs
delay, VBAT = 50V
4.8
15
µA
VBAT (HIP2104) or VDD (HIP2103)
Operating Current
IDDO20 f = 20kHz, HI = LI = 50% square wave
VDD = 12V for HIP2103
832
1040
µA
IDDO10 f = 10kHz, HI = LI = 50% square wave
VDD = 12V for HIP2103
661
825
µA
HB to HS Quiescent Current
IHBQ
HI = 1, LO = 0, VHS = 0V, VHB = 12V
135
160
µA
HB to HS Operating Current
IHBS20K LI = 0, HI = 50% square wave 20kHz,
VHS = 0V, VHB = 12V
206
245
µA
IHBS10K LI = 0, HI = 50% square wave 10kHz,
VHS = 0V, VHB = 12V
167
193
µA
HB to VSS Operating Current
IHB20K LI = 0, HI = 50% square wave 20kHz,
VHB = 60V, VHS = 50V
201
240
µA
IHB10K LI = 0, HI = 50% square wave 10kHz,
VHB = 60V, VHS = 50V
164
190
µA
HB to VSS Quiescent Current
IHBQ LI = HI = 0V; VHB = 60V, VHS = 50V
120
145
µA
HS to VSS Current, Sleep Mode
IHBS
LI = HI = 1; HB open, VHS = 50V
0.03
+1
µA
Input Pins
Low Level Input Voltage Threshold
VIL
VDD = 12V
1.44
1.18
1.63
V
High Level Input Voltage Threshold
VIH
2.06
1.73
2.4
V
Input Voltage Hysteresis
VHys
0.62
0.48
0.85
V
Low Level Input Voltage Threshold
VIL
VDD = 5V
1.13
0.9
1.25
V
High Level Input Voltage Threshold
VIH
1.63
1.38
1.84
V
Input Voltage Hysteresis
VHys
0.50
0.36
0.63
V
Input Pull-Down
RI
100
80
130
kΩ
Undervoltage Lockout (Note 15)
VDD Falling Threshold
VUVF
4.2
3.98
4.36
V
VDD Threshold Hysteresis
VUVH
0.34
0.267
0.37
V
Boot FET
On Resistance
RDon IVDD-HB = 100mA, HI = 0, LI = 1
8.2
2.42
15
Ω
LO Gate Driver
Sinking rDS(ON)
RDSLOL ILO = 100mA, LI = 0
2.68
0.61
11
Ω
Sourcing rDS(ON)
RDSLOH ILO = -75mA, HI = 1
6.47
2.3
15
Ω
Peak Pull-Up Current
ILOH12 HI = 1 VDD = 12V, CLOAD = 1000pF
1
A
ILOH5
HI = 1 VDD = 5V, CLOAD = 1000pF
(HIP2103 only)
A
Peak Pull-Down Current
ILOL12 HI = 0 VDD = 12V, CLOAD = 1000pF
2
A
ILOL5
HI = 0 VDD = 5V, CLOAD = 1000pF
(HIP2103 only)
A
VDD = VHB = 12V (for HIP2103), VSS = VHS = 0V, VBAT = 18V (for HIP2104), LI = HI = 0V. No load on HO and LO unless otherwise specified.
Boldface limits apply across the operating junction temperature range, -40°C to +125°C. (Continued)
Parameters
Symbol
Test Conditions
TJ = +25°C
TJ = -40°C to +125°C
Unit
Min
Typ
Max
Min
(Note 14)
Max
(Note 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com