Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SIXT0112T2A0 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # 2SIXT0112T2A0
Description  Plug-and-Play Gate Driver for 1200 V and 1700 V Half-Bridge Power Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SIXT0112T2A0 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button 2SIXT0112T2A0 Datasheet HTML 2Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 3Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 4Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 5Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 6Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 7Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 8Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 9Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 10Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
2SIXT0112T2A0
www.power.com
Rev. A 12/24
Test Item
Test Methods and Conditions
Environmental Tests
Dry heat
IEC 60068-2-2, 85 °C, 96 h, DUT operated
Cold
IEC 60068-2-1, -40 °C, 96 h, DUT operated
Thermal cycling
IEC 60068-2-14, -40 °C and 85 °C, ramp: 5 °C/min, dwell: 30 min, DUT operated, 10 cycles
Endurance Tests
High temperature operating lifetime
IEC 60068-2-2, 85 °C, test duration 1000 h, DUT operated
Damp heat
IEC 60068-2-78, 85 °C, 85 % R.H., 56 d, DUT operated
Thermal cycling
IEC 60068-2-14, -40 °C, 125 °C (5 K/min, 200 cycles, DUT unpowered)
EMC Tests
Electrostatic discharge
IEC 61000-4-2, ±2 kV charge voltage, Class A, 10 pulses each, contact and air discharge.
Fast Transient/Burst Immunity
IEC 61000-4-4, 5 kHz, Power ports: ±2 kV, 5 kHz, 300 ms, Signal/control ports: ±1 kV, 5 kHz,
300 ms, duration per test: 60 s
Conducted noise immunity
IEC 61000-4-6, frequency range 0.15 – 80 MHz, 3 V
RMS, log 1 %
Mechanical Tests
Mechanical vibrations (sinusoidal)
IEC 60068-2-6, frequency range 200 - 500 Hz (± 3.3 mm displacement, 15 m/s², 1 sweep cycles)
Mechanical shock
IEC 61373, Class 1B, acceleration 30 m/S2, duration 30 ms, vertical and transversal, half sine,
±100 shocks per axis
Reliability and EMC Qualification Items



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com