Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SIXT0112T2A0 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # 2SIXT0112T2A0
Description  Plug-and-Play Gate Driver for 1200 V and 1700 V Half-Bridge Power Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SIXT0112T2A0 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  2SIXT0112T2A0 Datasheet HTML 1Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 2Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 3Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 4Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 5Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 6Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 7Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 8Page - Power Integrations, Inc. 2SIXT0112T2A0 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
2SIXT0112T2A0
www.power.com
Rev. A 12/24
Figure 2. Pin Configuration.
Pin Functional Description
1
2
20
19
X1
G2
E2
NTC
G1
E1/C2
C1
PIHPAE_0176
Connector X1
CNC TECH 3010-20-003-13-00 Eject Latch Header Assembly (or
similar) at X1; Connection from 2SIXT0112T2A0 to superior controller.
VCC (Pins 1, 3, 5, 7)
This pin is the primary-side 15 V supply voltage connection for the
primary-side electronic and the integrated DC/DC converter.
IN1 (Pin 11)
This pin is the command input for channel 1 (high-side switch).
SO1 (Pin 9)
This pin is the status output for channel 1 (high-side switch).
IN2 (Pin 15)
This pin is the command input for channel 2 (low-side switch).
SO2 (Pin 13)
This pin is the status output for channel 2 (low-side switch).
NC (Pin 17)
This pin is not connected.
TPM (Pin 19)
This is the measurement output for the NTC temperature sensing.
GND (Pins 2, 4, 6, 8, 10, 12, 14, 16, 18, 20)
These pins are the connection for the primary-side ground potential.
All primary-side signals refer to these pins.
Connections to Power Module
2SIXT0112T2A0 gate driver is are directly mounted to power modules
using screws.
G1
This is the screw connection to the gate of the high-side IGBT.
C1
This is the screw connection to the collector of the high-side IGBT.
E1/C2
This is the screw connection to the emitter of the high-side IGBT and
to the collector of the low-side IGBT.
G2
This is the screw connection to the gate of the low-side IGBT.
E2
This is the screw connection to the emitter of the low-side IGBT.
NTC
This is the screw connection to the NTC of the IGBT module.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com