Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP3237/D Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP3237/D
Description  8 A Integrated Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3237/D Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3237/D Datasheet HTML 1Page - ON Semiconductor NCP3237/D Datasheet HTML 2Page - ON Semiconductor NCP3237/D Datasheet HTML 3Page - ON Semiconductor NCP3237/D Datasheet HTML 4Page - ON Semiconductor NCP3237/D Datasheet HTML 5Page - ON Semiconductor NCP3237/D Datasheet HTML 6Page - ON Semiconductor NCP3237/D Datasheet HTML 7Page - ON Semiconductor NCP3237/D Datasheet HTML 8Page - ON Semiconductor NCP3237/D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP3237
www.onsemi.com
4
PIN DESCRIPTION
Pin
Name
Type
Description
1
BST
Power
Bidirectional
Bootstrap. Provides bootstrap voltage for the high−side gate driver. A 0.1 mF ~ 1 mF ceramic
capacitor is required from this pin to SW.
2, 11
VIN
Power Input
Power Supply Input. Power supply input pin of the device, which is connected to drain of
internal high−side power MOSFET. Ceramic capacitors must bypass this input to power
ground. The capacitors should be placed as close as possible to this pin.
3, 4, 5, 8,
9, 10
PGND
Power Ground
Power Ground. These pins are the power supply ground pins of the device, which are con-
nected to source of internal low−side power MOSFET.
6, 7
SW
Power Output
Switching Node. Pins to be connected to an external inductor. These pins are intercon-
nection between internal high−side MOSFET and low−side MOSFET.
12
AGND
Analog Ground
Analog Ground. Signal reference ground for the IC. Must be connected to the power ground.
13
FSET
Analog Input
Frequency Option. A resistor from this pin to AGND programs switching frequency.
14
FB
Analog Input
Feedback. Inverting input to error amplifier.
15
COMP
Analog Output
Compensation. Output pin of error amplifier.
16
VCC
Analog Power
Voltage Supply of Controller. Power supply input pin of control circuits. A 4.7 mF or larger
ceramic capacitor bypasses this input to AGND. This capacitor should be placed as close as
possible to this pin.
17
EN
Logic Input
Enable. Logic high enables the device and logic low shuts down the device.
18
PGOOD
Logic Output
Power Good. Open−drain output. Provides a logic high valid power good output signal, indi-
cating the regulator’s output is in regulation window.
MAXIMUM RATINGS
Rating
Symbol
Min
Max
Unit
Power Supply Voltage to PGND
VIN
−0.3
17
V
Switch Node to PGND
VSW
−0.3
−3 (<10ns)
17
22 (<10ns)
V
Analog Supply Voltage to GND
VCC
−0.3
6.0
V
BST to PGND
BST_PGND
−0.3
22
28 (<10ns)
V
BST to SW
BST_SW
−0.3
6.0
V
FB to AGND
FB
−0.3
6.0
V
AGND to PGND
−0.3
0.3
V
Exposed Pad to PGND
−0.3
0.3
V
Other Pins
−0.3
VCC+0.3
V
Operating Junction Temperature Range
TJ
−40
150
°C
Operating Ambient Temperature Range
TA
−40
150
°C
Storage Temperature Range
TSTG
−55
150
°C
Thermal Resistance Junction to Top Case (Note 1)
RΨJC
2
_C/W
Thermal Resistance Junction to Board (Note 1)
RΨJB
12
_C/W
Thermal Resistance Junction to Ambient (Note 1)
RθJA
31
_C/W
Power Dissipation at TA = 25°C (Note 2)
PD
4
W
ESD Capability, Human Body Model per JESD22−A114
ESDHBM
2
kV
ESD Capability, Charged Device Model per JESD22−C101
ESDCDM
1
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The thermal resistance values are dependent of the internal losses split between devices and the PCB heat dissipation. This data is based
on a typical operation condition with a 4−layer FR−4 PCB board, which has two, 1−ounce copper internal power and ground planes and
2−ounce copper traces on top and bottom layers with approximately 80% copper coverage. No airflow and no heat sink applied (reference
EIA/JEDEC 51.7). It also does not account for other heat sources that may be present on the PCB next to the device in question (such as
inductors, resistors etc.)
2. The maximum power dissipation (PD) is dependent on input voltage, output voltage, output current, external components selected, and PCB
layout. The reference data is obtained based on TJMAX = 150°C and RθJA = 31°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com