Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP3237/D Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP3237/D
Description  8 A Integrated Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3237/D Datasheet(HTML) 5 Page - ON Semiconductor

  NCP3237/D Datasheet HTML 1Page - ON Semiconductor NCP3237/D Datasheet HTML 2Page - ON Semiconductor NCP3237/D Datasheet HTML 3Page - ON Semiconductor NCP3237/D Datasheet HTML 4Page - ON Semiconductor NCP3237/D Datasheet HTML 5Page - ON Semiconductor NCP3237/D Datasheet HTML 6Page - ON Semiconductor NCP3237/D Datasheet HTML 7Page - ON Semiconductor NCP3237/D Datasheet HTML 8Page - ON Semiconductor NCP3237/D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCP3237
www.onsemi.com
5
RECOMMENDED OPERATING RANGE
Rating
Symbol
Min
Max
Unit
Input Voltage
VIN
4.7
16
V
Output Voltage
VOUT
0.6
12
V
Output Current, Continuous
IOUT
0
8
A
Junction Temperature
TJ
−40
150
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = 12V, typical values are referenced to TJ = 25°C, Min and Max values are referenced to TJ = −40°C to 150°C. unless otherwise noted.)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Units
SUPPLY VOLTAGE MONITOR
VCC Under−Voltage (UVLO)
Threshold
VCC falling
VCCUV
3.7
V
VCC OK Threshold
VCC rising
VCCOK
4.3
V
VCC UVLO Hysteresis
VCCHYS
275
mV
SUPPLY CURRENT
VIN Quiescent Supply Cur-
rent
EN high, VFB = 600 mV, Non−switching
IQIN
6.1
9.5
mA
VIN Shutdown Current
EN low
ISD_IN
65
115
mA
VCC
Output Voltage
6V < VIN < 16V, IVCC = 20mA, EN High
(Note 3)
VCC
4.85
5.0
5.15
V
Load Regulation
6V < VIN < 16V, IVCC = 5mA to 50mA, EN
High (Note 3)
VCC_LOR
−3.0
3.0
%
Dropout Voltage
VIN = 5V, IVCC = 50mA, EN High (Note 3)
VDC_VCC
260
mV
ENABLE
EN High Threshold
Normal Operation
VH_EN
1.6
V
EN Low Threshold
Shutdown
VL_EN
1.2
V
EN Input Impedance
Resistance from EN pin to AGND
REN
1.5
MW
SOFT START
System Reset Time
From EN High to BST Refresh (Note 4)
TRST
0.8
ms
BST Refresh Time
TBST
10
ms
Soft Start Slew Rate
Refer to Internal VREF
From Beginning of SS until PGOOD Asserts
SRSS
0.55
0.6
0.68
mV/ms
PGOOD
PGOOD Startup Delay
Measured from end of Soft Start to PGOOD
Assertion (Note 4)
Td_PGOOD
100
ms
PGOOD Shutdown Delay
Measured from EN to PGOOD de−assertion
1
ms
PGOOD Low Voltage
IPGOOD = −4 mA
VI_PGOOD
0.3
V
PGOOD Leakage Current
PGOOD = 5 V
Ilkg_PGOOD
1.0
mA
SWITCHING FREQUENCY
Switching Frequency in CCM
1% 40 kW Resistor from FSET Pin to AGND
FSW
495
550
605
kHz
VOLTAGE REGULATION
Regulated Feedback Voltage
EN = High
0°C to 85°C
−40°C to 150°C
VFB
595
594
600
600
605
606
mV
3. Not for external usage
4. Guaranteed by Design Only. Not Characterized or Production Tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com